データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8N50NZ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD8N50NZ
部品情報  Uninterruptible Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8N50NZ データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD8N50NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD8N50NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FDD8N50NZ Rev. C1
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FDD8N50NZTM
FDD8N50NZ
DPAK
Tape and Reel
330 mm
16 mm
2500 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V, TC = 25oC
500
-
-
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25oC-
0.5
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
-
-
1
μA
VDS = 400 V, TC = 125oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±25 V, VDS = 0 V
-
-
±10
μA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250 μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 3.25 A
-
0.77
0.85
Ω
gFS
Forward Transconductance
VDS = 20 V, ID = 3.25 A
-
6.3
-
S
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1 MHz
-
565
735
pF
Coss
Output Capacitance
-
80
105
pF
Crss
Reverse Transfer Capacitance
-
5
8
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400 V, ID = 6.5 A,
VGS = 10 V
(Note 4)
-14
18
nC
Qgs
Gate to Source Gate Charge
-
4
-
nC
Qgd
Gate to Drain “Miller” Charge
-
6
-
nC
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 6.5 A,
RG = 25 Ω, VGS = 10 V
(Note 4)
-17
45
ns
tr
Turn-On Rise Time
-
34
80
ns
td(off)
Turn-Off Delay Time
-
43
95
ns
tf
Turn-Off Fall Time
-
27
60
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
8
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
30
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 6.5 A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 6.5 A,
dIF/dt = 100 A/μs
-
228
-
ns
Qrr
Reverse Recovery Charge
-
1.43
-
μC
Notes:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. L = 13.6 mH, IAS = 6.5 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 6.5 A, di/dt ≤ 200 A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially Independent of Operating Temperature Typical Characteristics


同様の部品番号 - FDD8N50NZ

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD8N50NZ ISC-FDD8N50NZ Datasheet
251Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

同様の説明 - FDD8N50NZ

メーカー部品番号データシート部品情報
logo
Ultralife Corporation.
EL8000-UPS ULTRALIFE-EL8000-UPS Datasheet
3Mb / 2P
   Uninterruptible Power Supply
Rev 3
logo
IXYS Corporation
IXA37IF1200HJ IXYS-IXA37IF1200HJ Datasheet
150Kb / 6P
   Uninterruptible power supply
logo
Fairchild Semiconductor
FDD10N20LZ FAIRCHILD-FDD10N20LZ Datasheet
615Kb / 8P
   Uninterruptible Power Supply
logo
International Rectifier
IRLS3034-7PPBF IRF-IRLS3034-7PPBF_15 Datasheet
331Kb / 9P
   Uninterruptible Power Supply
logo
PHOENIX CONTACT
107563 PHOENIX-107563 Datasheet
925Kb / 34P
   Uninterruptible power supply
2018-05-02
logo
Murata Power Solutions ...
SP1650 MURATA-PS-SP1650 Datasheet
84Kb / 1P
   CATV Uninterruptible Power Supply
logo
PHOENIX CONTACT
2905909 PHOENIX-2905909 Datasheet
115Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
2905908 PHOENIX-2905908 Datasheet
116Kb / 9P
   Uninterruptible power supply -TRIOUPS-
09/12/2020
logo
Omron Electronics LLC
BY75SW OMRON-BY75SW Datasheet
2Mb / 70P
   Uninterruptible Power Supply (UPS)
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
   Telephony / CATV Uninterruptible Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com