データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD86367_F085 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD86367_F085
部品情報  Automotive Engine Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86367_F085 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD86367_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD86367_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2015 Fairchild Semiconductor Corporation
FDD86367_F085 Rev. 1.0
www.fairchildsemi.com
3
Typical Characteristics
Figure 1. Normalized Power Dissipation vs. Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs.
Case Temperature
25
50
75
100
125
150
175
200
0
40
80
120
160
200
CURRENT LIMITED
BY SILICON
CURRENT LIMITED
BY PACKAGE
VGS = 10V
TC, CASE TEMPERATURE(oC)
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
5000
VGS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I2
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


同様の部品番号 - FDD86367_F085

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD86367 ONSEMI-FDD86367 Datasheet
996Kb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Inchange Semiconductor ...
FDD86367 ISC-FDD86367 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD86367_F085

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
   Automotive Engine Control
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
   Automotive Engine Control IC
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com