データシートサーチシステム |
|
54AC373L データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
54AC373L データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 10 page AC Electrical Characteristics 54AC V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 8) C L = 50 pF Min Max t PLH Propagation Delay 3.3 1.0 16.5 ns D n to On 5.0 1.5 11.5 t PHL Propagation Delay 3.3 1.0 16.0 ns D n to On 5.0 1.5 11.5 t PLH Propagation Delay 3.3 1.0 16.5 ns LE to O n 5.0 1.5 12.0 t PHL Propagation Delay 3.3 1.0 15.0 ns LE to O n 5.0 1.5 11.0 t PZH Output Enable Time 3.3 1.0 14.0 ns 5.0 1.5 10.5 t PZL Output Enable Time 3.3 1.0 13.5 ns 5.0 1.5 10.0 t PHZ Output Disable Time 3.3 1.0 16.0 ns 5.0 1.5 13.5 t PLZ Output Disable Time 3.3 1.0 13.0 ns 5.0 1.5 10.5 Note 8: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Operating Requirements 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 9) C L = 50 pF Guaranteed Minimum t s Setup Time, HIGH or LOW 3.3 6.5 ns D n to LE 5.0 5.0 t h Hold Time, HIGH or LOW 3.3 1.0 ns D n to LE 5.0 1.0 t w LE Pulse Width, 3.3 6.5 ns HIGH 5.0 5.0 Note 9: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V www.national.com 6 |
同様の部品番号 - 54AC373L |
|
同様の説明 - 54AC373L |