データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TUA6030 データシート(PDF) 39 Page - Infineon Technologies AG

部品番号 TUA6030
部品情報  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 データシート(HTML) 39 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 35Page - Infineon Technologies AG TUA6030 Datasheet HTML 36Page - Infineon Technologies AG TUA6030 Datasheet HTML 37Page - Infineon Technologies AG TUA6030 Datasheet HTML 38Page - Infineon Technologies AG TUA6030 Datasheet HTML 39Page - Infineon Technologies AG TUA6030 Datasheet HTML 40Page - Infineon Technologies AG TUA6030 Datasheet HTML 41Page - Infineon Technologies AG TUA6030 Datasheet HTML 42Page - Infineon Technologies AG TUA6030 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Reference
5 - 39
TUA6030, TUA6032
Wireless Components
Specification, July 2001
5.2
Programming
Table 5-4
Bit Allocation Read / Write
Name
Byte
Bits
Ack
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
Write Data
Address Byte
ADB
1
10
00
MA1
MA0
R/
W=0
A
Divider Byte 1
DB1
0
N14
N13
N12
N11
N10
N9
N8
A
Divider Byte 2
DB2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control byte
CB
1
CP
T2
T1
T0
RSA
RSB
OS
A
Bandswitch byte
BB
P7
P6
P5
P4
P3
P2
P1
P0
A
Auxiliary byte 1).
1). AB replaces BB when T2, T1, T0 = 0, 1, 1, see Table 5-7 Test modes on page 40
AB
ATC
AL2
AL1
AL0
0
00
0A
Read data
Address byte
ADB
1
10
00
MA1
MA0
R/
W=1
A
Status byte
SB
POR
FL
1
1AGC
A2
A1
A0
A
Table 5-5
Description of Symbols
Symbol
Description
A
Acknowledge
MA0, MA1
Address selection bits, see Table 5-6 Address selection on page 40
N14 to N0
programmable divider bits:
N = 214 x N14 + 213 x N13 + ..... + 23 x N3 + 22 x N2 + 21 xN1 + N0
CP
charge pump current bit:
bit = 0: charge pump current = 60 µA
bit = 1: charge pump current = 280µA (default)
T0, T1, T2
test bits, see Table 5-7 Test modes on page 40
RSA, RSB
reference divider bits, see Table 5-8 Reference divider ratios on page 40
OS
tuning amplifier control bit:
bit = 0: enable VT
bit = 1: disable VT (default)
P0, P1, P2, P3
PNP ports control bits
bit = 0: Port is inactive, high impedance state (default)
bit = 1: Port is active, VOUT= VCC-VCESAT
P4, P5, P6, P7
NPN ports control bits
bit = 0: Port is inactive, high impedance state (default)
bit = 1: Port is active, VOUT= VCESAT
ATC
AGC time constant bit
bit = 0: IAGC=220nA; ∆t=2s with C=160nF (default)
bit = 1: IAGC=9µA; ∆t=50ms with C=160nF


同様の部品番号 - TUA6030

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

同様の説明 - TUA6030

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com