データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2006D1DRBR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2006D1DRBR
部品情報  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBR データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2006D1DRBR Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 9Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 10Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 11Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 12Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
−150
−100
−50
0
400
800
1200
1600
2000
−150
−100
−50
0
0
f − Frequency − Hz
VDD Shown in Figure 22
CI = 2 F,
m
Inputs ac-grounded
Gain = 2V/V
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Common Mode Voltage − V
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
−90
−80
−70
−60
−50
−40
−30
20
100
1k
10k
VDD =5V
VDD =2.5V
f − Frequency − Hz
Inputsfloating
R =8
L
W
20k
VDD =3.6V
C1 − High
3.6 V
C1 − Amp
512 mV
C1 − Duty
12%
t − Time − 2 ms/div
VDD
200 mV/div
VOUT
20 mV/div
−90
−80
−70
−60
−50
−40
−30
20
100
1k
20k
f − Frequency − Hz
VDD =2.5V
VDD =3.6V
VDD =5V
Inputsac-grounded
CI =2 F
m
RL =8 W
Gain=2V/V
10k
0.1
1
10
0
0.5
1
1.5
2
2.5
f = 1 kHz
PO = 200 mW
VIC − Common Mode Input Voltage − V
3
3.5
4 4.5
5
VDD = 2.5 V
VDD = 5 V
VDD = 3.6 V
TPA2006D1
www.ti.com
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 19. Total Harmonic Distortion + Noise vs Common
Figure 20. Supply Ripple Rejection Ratio vs Frequency
Mode Input Voltage
Figure 22. GSM Power Supply Rejection vs Time
Figure 21. Supply Ripple Rejection Ratio vs Frequency
Figure 24. Supply Ripple Rejection Ratio vs
Figure 23. GSM Power Supply Rejection vs Frequency
DC Common Mode Voltage
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA2006D1


同様の部品番号 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

同様の説明 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com