データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP300BIDCKT データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP300BIDCKT
部品情報  Resistor-Programmable Temperature Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDCKT データシート(HTML) 9 Page - Texas Instruments

Back Button TMP300BIDCKT Datasheet HTML 5Page - Texas Instruments TMP300BIDCKT Datasheet HTML 6Page - Texas Instruments TMP300BIDCKT Datasheet HTML 7Page - Texas Instruments TMP300BIDCKT Datasheet HTML 8Page - Texas Instruments TMP300BIDCKT Datasheet HTML 9Page - Texas Instruments TMP300BIDCKT Datasheet HTML 10Page - Texas Instruments TMP300BIDCKT Datasheet HTML 11Page - Texas Instruments TMP300BIDCKT Datasheet HTML 12Page - Texas Instruments TMP300BIDCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
-50
-25
0
5
4
3
2
1
0
-1
-2
-3
-4
-5
25
50
75
100
125
Temperature( C)
°
Maximum
Average
Minimum
-50
-25
0
5
4
3
2
1
0
-1
-2
-3
-4
-5
25
50
75
100
125
Temperature( C)
°
Maximum
Average
Minimum
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
Voltagesource
totesttrippoint.
DAC8560
TMP300
www.ti.com
SBOS335D – JUNE 2005 – REVISED JANUARY 2016
Feature Description (continued)
Figure 11. DAC Generates the Voltage-Driving TSET Pin
6.2.5 Hysteresis
The hysteresis pin has two settings. Grounding HYSTSET results in 5°C of hysteresis. Connecting HYSTSET to VS
results in 10°C of hysteresis. Hysteresis error variation over temperature is shown in Figure 12 and Figure 13.
Figure 12. 5°C Hysteresis Error vs Temperature
Figure 13. 10°C Hysteresis Error vs Temperature
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP300


同様の部品番号 - TMP300BIDCKT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP300BIDCKT TI1-TMP300BIDCKT Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

同様の説明 - TMP300BIDCKT

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com