データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3132D2RHBT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3132D2RHBT
部品情報  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3132D2RHBT データシート(HTML) 3 Page - Texas Instruments

  TPA3132D2RHBT Datasheet HTML 1Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 2Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 3Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 4Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 5Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Exposed Thermal Pad
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
GAIN/SLV
GVDD
INPL
INNL
MUTE
GND
PLIMIT
AM2
BSNR
OUTNR
BSNL
GND
OUTNL
GND
GND
GND
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
5 Pin Configuration and Functions
RHB Packaged
32-Pin VQFN With Exposed Thermal Pad
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect directly
1
PLIMIT
I
to GVDD for no power limit.
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other
2
GVDD
PO
than a 1uF X7R ceramic decoupling capacitor.
3
GAIN/SLV
I
Sets Gain and selects between Master and Slave mode depending on pin voltage divider.
4
GND
G
Ground
5
INNL
I
Negative audio input for left channel. Biased at 3V.
6
INPL
I
Positive audio input for left channel. Biased at 3V.
Mute signal for fast disable/enable of outputs: HIGH = outputs OFF (high-Z), LOW = outputs ON. TTL logic
7
MUTE
I
levels with compliance to AVCC.
8
AM2
I
AM Avoidance Frequency Selection
9
AM1
I
AM Avoidance Frequency Selection
10
AM0
I
AM Avoidance Frequency Selection
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV pin. Input
11
SYNC
DIO
signal not to exceed GVDD (7V)
12
AVCC
P
Analog Supply
13
PVCC
P
Power supply
14
PVCC
P
Power supply
15
BSPL
BST
Boot strap for positive left channel output, connect to 220nF X7R ceramic cap to OUTPL
16
OUTPL
PO
Positive left channel output
17
GND
G
Ground
18
OUTNL
PO
Negative left channel output
19
BSNL
BST
Boot strap for negative left channel output, connect to 220nF X7R ceramic cap to OUTNL
20
GND
G
Ground
21
GND
G
Ground
22
BSNR
BST
Boot strap for negative right channel output, connect to 220nF X7R ceramic cap to OUTNR
(1)
TYPE: DO = Digital Output, I = Analog Input, G = General Ground, PO = Power Output, BST = Boot Strap.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3131D2 TPA3132D2


同様の部品番号 - TPA3132D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3132D2 TI-TPA3132D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
More results

同様の説明 - TPA3132D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com