データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3144D2 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3144D2
部品情報  6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3144D2 データシート(HTML) 5 Page - Texas Instruments

  TPA3144D2 Datasheet HTML 1Page - Texas Instruments TPA3144D2 Datasheet HTML 2Page - Texas Instruments TPA3144D2 Datasheet HTML 3Page - Texas Instruments TPA3144D2 Datasheet HTML 4Page - Texas Instruments TPA3144D2 Datasheet HTML 5Page - Texas Instruments TPA3144D2 Datasheet HTML 6Page - Texas Instruments TPA3144D2 Datasheet HTML 7Page - Texas Instruments TPA3144D2 Datasheet HTML 8Page - Texas Instruments TPA3144D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVCC to GND, PVCC to GND
–0.3
16
V
Supply voltage
GVDD to GND
V
GND to GND
-0.3
0.3
V
Input current
To any pin except supply pins
10
mA
–0.3
AVCC + 0.3
V
Voltage
SD, FAULT, 1SPW to GND(2)
10
V/ms
–0.3
GVDD + 0.3
V
Voltage
GAIN, LIMRATE, LIMTHRES, SSCTRL(3)
100
V/ms
Voltage
RINN, RINP, LINN, LINP
–0.3
6.3
V
BTL, PVCC > 12 V
4.8
BTL, PVCC
≤ 12 V
3.2
Minimum load resistance, RL
Ω
PBTL, PVCC > 12 V
2.5
PBTL, PVCC
≤ 12 V
1.8
Continuous total power dissipation
See the Thermal Information Table
Operating free-air temperature range, TA
(4)
–40
85
°C
Temperature range
–65
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage slew rate of these pins must be restricted to no more than 10 V/ms. For higher slew rates, use a 100 k
Ω resister in series
with the pins.
(3)
The voltage slew rate of these pins must be restricted to no more than 100 V/ms. For higher slew rates, use a 100 k
Ω resister in series
with the pins.
(4)
The TPA3144D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SLMA002 for more information about using the TSSOP thermal pad.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V(ESD) Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101 (2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA3144D2


同様の部品番号 - TPA3144D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
More results

同様の説明 - TPA3144D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI-TPA3144D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com