データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431BCDBVTG4 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV431BCDBVTG4
部品情報  Low-Voltage Adjustable Precision Shunt Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BCDBVTG4 データシート(HTML) 4 Page - Texas Instruments

  TLV431BCDBVTG4 Datasheet HTML 1Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 2Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 3Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 4Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 5Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 6Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 7Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 8Page - Texas Instruments TLV431BCDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
7
V
IK
Continuous cathode current range
–20
20
mA
Iref
Reference current range
–0.05
3
mA
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the anode terminal, unless otherwise noted.
7.2 ESD Ratings
PARAMETER
DEFINITION
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Thermal Information
TLV431x
THERMAL METRIC(1)
DCK
D
PK
DBV
DBZ
LP
UNIT
6 PINS
8 PINS
3 PINS
5 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
87
97
52
206
206
140
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
259
39
9
131
76
55
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage
VREF
6
V
IK
Cathode current
0.1
15
mA
TLV431_C
0
70
TA
Operating free-air temperature range
TLV431_I
–40
85
°C
TLV431_Q
–40
125
4
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B


同様の部品番号 - TLV431BCDBVTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV431BCDBVTG4 TI-TLV431BCDBVTG4 Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVTG4 TI-TLV431BCDBVTG4 Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BCDBVTG4 TI-TLV431BCDBVTG4 Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

同様の説明 - TLV431BCDBVTG4

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com