データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6211A1DGN データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6211A1DGN
部品情報  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DGN データシート(HTML) 6 Page - Texas Instruments

Back Button TPA6211A1DGN Datasheet HTML 2Page - Texas Instruments TPA6211A1DGN Datasheet HTML 3Page - Texas Instruments TPA6211A1DGN Datasheet HTML 4Page - Texas Instruments TPA6211A1DGN Datasheet HTML 5Page - Texas Instruments TPA6211A1DGN Datasheet HTML 6Page - Texas Instruments TPA6211A1DGN Datasheet HTML 7Page - Texas Instruments TPA6211A1DGN Datasheet HTML 8Page - Texas Instruments TPA6211A1DGN Datasheet HTML 9Page - Texas Instruments TPA6211A1DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPA6211A1
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
www.ti.com
Operating Characteristics (continued)
TA = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 3.6 V, No CBYPASS
4
μs
Start-up time from shutdown
VDD = 3.6 V, CBYPASS = 0.1 μF
27
ms
7.7 Dissipation Ratings
TA ≤ 25°C
DERATING
TA= 70°C
TA= 85°C
PACKAGE
POWER RATING
FACTOR(1)
POWER RATING
POWER RATING
DGN
2.13 W
17.1 mW/°C
1.36 W
1.11 W
DRB
2.7 W
21.8 mW/°C
1.7 W
1.4 W
(1)
Derating factor based on high-k board layout.
7.8 Typical Characteristics
Table 1. Table of Graphs
FIGURE
vs Supply voltage
Figure 1
PO
Output power
vs Load resistance
Figure 2
PD
Power dissipation
vs Output power
Figure 3, Figure 4
Figure 5,
vs Output power
Figure 6, Figure 7
Figure 8,
Figure 9,
THD+N
Total harmonic distortion + noise
vs Frequency
Figure 10,
Figure 11, ,
Figure 12
vs Common-mode input voltage
Figure 13
Figure 14,
Figure 15,
KSVR
Supply voltage rejection ratio
vs Frequency
Figure 16,
Figure 17
KSVR
Supply voltage rejection ratio
vs Common-mode input voltage
Figure 18
GSM Power supply rejection
vs Time
Figure 19
GSM Power supply rejection
vs Frequency
Figure 20
vs Frequency
Figure 21
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
Figure 22
Closed loop gain/phase
vs Frequency
Figure 23
Open loop gain/phase
vs Frequency
Figure 24
vs Supply voltage
Figure 25
IDD
Supply current
vs Shutdown voltage
Figure 26
Start-up time
vs Bypass capacitor
Figure 27
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPA6211A1


同様の部品番号 - TPA6211A1DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6211A1DGN TI-TPA6211A1DGN Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGN TI-TPA6211A1DGN Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGN TI1-TPA6211A1DGN Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGNG4 TI-TPA6211A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

同様の説明 - TPA6211A1DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com