データシートサーチシステム |
|
54AC574F データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
54AC574F データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 10 page AC Electrical Characteristics for ’AC Family Devices 54AC V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 6) C L = 50 pF Min Max f MAX Maximum Clock 3.3 55 MHz Frequency 5.0 85 t PLH Propagation Delay 3.3 1.0 16.5 ns CP to O n 5.0 1.5 11.5 t PHL Propagation Delay 3.3 1.0 15.0 ns CP to O n 5.0 1.5 10.5 t PZH Output Enable Time 3.3 1.0 13.0 ns 5.0 1.5 9.5 t PZL Output Enable Time 3.3 1.0 12.5 ns 5.0 1.5 9.5 t PHZ Output Disable Time 3.3 1.0 14.0 ns 5.0 1.5 11.5 t PLZ Output Disable Time 3.3 1.0 10.5 ns 5.0 1.5 9.0 Note 6: Voltage Range 3.3 is 3.3V ± 0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Operating Requirements for ’AC Family Devices 54AC V CC T A = −55˚C Symbol Parameter (V) to +125˚C Units (Note 7) C L = 50 pF Guaranteed Minimum t s Set-Up Time, HIGH or LOW 3.3 4.5 ns D n to CP 5.0 3.5 t h Hold Time, HIGH or LOW 3.3 2.5 ns D n to CP 5.0 2.5 t w CP Pulse Width 3.3 7.5 ns HIGH or LOW 5.0 5.0 Note 7: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V www.national.com 6 |
同様の部品番号 - 54AC574F |
|
同様の説明 - 54AC574F |