データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL121000T データシート(PDF) 1 Page - CSB Battery Co., Ltd.

部品番号 TPL121000T
部品情報  A front access design with an upgraded degassing system ,up to 12 years expected life.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CSB-BATTERY [CSB Battery Co., Ltd.]
ホームページ  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

TPL121000T データシート(HTML) 1 Page - CSB Battery Co., Ltd.

  TPL121000T Datasheet HTML 1Page - CSB Battery Co., Ltd. TPL121000T Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120-in-lbs.(13.58 N-m)
Terminal Hardware Initial Torque
ABS(UL94-V0)&(UL94-HB) / L.O.I higher than 28
TPL 121000T
12V 100Ah
TPL 121000T is a front access design with an upgraded
degassing system ,up to 12 years expected life. As with all
CSB batteries are rechargeable, highly efficient, leak proof
and maintenance free.
Cells Per Unit
6
Voltage Per Unit
12
Capacity
100Ah @ 8hr-rate to 1.75V per cell @25
(77 )
Weight
Approx. 32.7kg (72.09 lbs)
Maximum Discharge Current
300A(1min)
Internal Resistance
Approx. 5.0 m
Operating Temperature Range
Discharge: -15 ~50 ( 5 ~122 )
Charge: -15 ~40 ( 5 ~104 )
Storage: -15 ~40 ( 5 ~104 )
Nominal Operating Temperature Range
25
3 (77
5 )
Float Charging Voltage
Recommended Maximum Charging Current Limit 30A
Equalization / Cycle Use Charging Voltage
Terminal
Container Material
Specification
2.275 0.025V / Cell at 25
(77 ) Temp.
Coefficient 3.3mV/ ( 1.8mV/ )
5mV/
2.45V Temps coefficient
I2-Thread lead alloy recessed terminal to accept M6 bolt
Powered by
Width (W)
Dimensions :
Unit: mm (inch)
)
L
(
h
t
g
n
e
L
)
H
(
t
h
g
i
e
H
ll
a
r
e
v
O
280.0±2.5 (11.02± 0.1)
390±2.5 (15.35±0.1)
105±1.5 (4.13±0.06)
Constant Power Discharge Characteristics Unit:W (25
,77 )
Constant Current Discharge Characteristics Unit:A (25
,77 )
F.V/Time 15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
209
125
73.0
53.2
42.2
29.9
23.6
19.5
13.0
10.8
5.59
1.67V
203
123
72.6
52.9
41.9
29.8
23.4
19.4
12.9
10.7
5.55
1.70V
198
122
72.2
52.7
41.5
29.7
23.3
19.3
12.8
10.6
5.51
1.75V
184
117
71.1
52.0
41.2
29.4
23.1
19.2
12.7
10.5
5.47
1.80V
164
111
68.7
50.8
40.2
28.7
22.6
18.8
12.5
10.4
5.37
1.85V
138
101
64.0
48.1
38.1
27.3
21.6
18.0
12.1
9.91
5.15
F.V/Time 15MIN
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
2197
1389
845
622
491
347
271
224
153
128
67.3
1.67V
2117
1370
843
619
488
344
270
223
152
127
66.6
1.70V
2069
1361
837
615
487
342
268
222
149
124
65.6
1.75V
1944
1327
828
611
482
341
265
221
148
123
65.3
1.80V
1753
1261
798
598
472
334
262
217
147
122
65.0
1.85V
1516
1177
748
569
447
320
252
210
144
120
62.6
Configurable Degassing Accessory
Degassing kit for option
* Only with CSB approved degassing kit *
TUV Asia Pacific Ltd.
Taiwan Branch
TUV Asia Pacific Ltd.
Taiwan Branch
CSB-manufactured VRLA
(
Absorbent Glass Mat type)
batteries are UL-recognized
components under UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.
RA:1507
Ratings presented herein are subject to revision without notice. Please refer to www.csb-battery.com to confirm the latest version.


同様の部品番号 - TPL121000T

メーカー部品番号データシート部品情報
logo
CSB Battery Co., Ltd.
TPL121000T CSB-BATTERY-TPL121000T_16 Datasheet
636Kb / 2P
   Cells per unit 6 Voltage per unit 12
TPL121000T CSB-BATTERY-TPL121000T_17 Datasheet
365Kb / 1P
   Valve Regulated Lead Acid Battery
More results

同様の説明 - TPL121000T

メーカー部品番号データシート部品情報
logo
CSB Battery Co., Ltd.
MSV200 CSB-BATTERY-MSV200_15 Datasheet
807Kb / 2P
   A long service life battery up to 15 years expected life under normal float charge.
MSV400 CSB-BATTERY-MSV400_15 Datasheet
848Kb / 2P
   A long service life battery up to 15 years expected life under normal float charge.
MSV300 CSB-BATTERY-MSV300_15 Datasheet
844Kb / 2P
   A long service life battery up to 15 years expected life under normal float charge.
TPL121500 CSB-BATTERY-TPL121500 Datasheet
462Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL121250 CSB-BATTERY-TPL121250 Datasheet
460Kb / 2P
   a front terminal baattery up to 12years expected life under normal float charge
TPL121350 CSB-BATTERY-TPL121350 Datasheet
462Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL121000 CSB-BATTERY-TPL121000 Datasheet
461Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL12900 CSB-BATTERY-TPL12900 Datasheet
461Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
TPL12800 CSB-BATTERY-TPL12800 Datasheet
460Kb / 2P
   a front terminal battery up to 12years expected life under normal float charge
logo
Panasonic Semiconductor
UP-VWA1232P PANASONIC-UP-VWA1232P Datasheet
274Kb / 2P
   FOR STANDBY POWER SUPPLIES. EXPECTED TRICKLE DESIGN LIFE: 6 – 9 YEARS AT 20°C ACCORDING TO EUROBAT.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com