データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040B50QFTA データシート(PDF) 3 Page - Diodes Incorporated

部品番号 LM4040B50QFTA
部品情報  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040B50QFTA データシート(HTML) 3 Page - Diodes Incorporated

  LM4040B50QFTA Datasheet HTML 1Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 2Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 3Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 4Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 5Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 6Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 7Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 8Page - Diodes Incorporated LM4040B50QFTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
3 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
LM4040Q-2.5
Symbol
Parameter
Conditions
Typ
B Limits
C Limits
D Limits
Units
(Note 5)
TA
VREF
Reverse breakdown voltage
IR = 100µA
+25°C
2.5
V
Reverse breakdown voltage tolerance
IR = 100µA
+25°C
±5
±12
±25
mV
-40 to +85°C
±21
±29
±49
-40 to +125°C
±30
±38
±63
IRMIN
Minimum operating current
+25°C
45
60
60
65
µA
-40 to +85°C
65
65
70
-40 to +125°C
68
68
73
ΔVR/ΔT
Average reverse breakdown voltage
temperature coefficient
IR = 10mA
-40 to +125°C
±20
IR = 1mA
±15
±100
±100
±150
ppm/°C
IR = 100µA
±15
ΔVR/ΔIR
Reverse breakdown change with current
IRMIN IR
< 1mA
+25°C
0.3
0.8
0.8
1.0
mV
-40 to +85°C
1.0
1.0
1.2
-40 to +125°C
1.0
1.0
1.2
1mA < IR
< 15mA
+25°C
2.5
6.0
6.0
8.0
-40 to +85°C
8.0
8.0
10.0
-40 to +125°C
8.0
8.0
10.0
ZR
Dynamic output impedance
IR = 1mA, f = 120Hz , IAC = 0.1IR
0.3
0.8
0.9
1.1
en
Noise voltage
IR = 100µA, 10Hz < f < 10kHz
35
µVRMS
VR
Long term stability (non-cumulative)
t = 1000Hrs, IR = 100µA
120
ppm
VHYST
Thermal hysteresis
ΔT = -40°C to = +125°C
0.08
%
Electrical Characteristics (continued) (@TA = +25°C, unless otherwise specified.)
LM4040Q-3.0
Symbol
Parameter
Conditions
Typ
B Limits
C Limits
D Limits
Units
(Note 5)
TA
VREF
Reverse breakdown voltage
IR = 100µA
+25°C
3.0
V
Reverse breakdown voltage tolerance
IR = 100µA
+25°C
±6
±15
±30
mV
-40 to +85°C
±26
±34
±59
-40 to +125°C
TBD
±45
±75
IRMIN
Minimum operating current
+25°C
47
62
62
67
µA
-40 to +85°C
67
67
72
-40 to +125°C
70
70
75
ΔVR/ΔT
Average reverse breakdown voltage
temperature coefficient
IR = 10mA
-40 to +125°C
±20
IR = 1mA
±15
±100
±100
±150
ppm/°C
IR = 100µA
±15
ΔVR/ΔIR
Reverse breakdown change with
current
IRMIN IR
< 1mA
+25°C
0.4
0.8
0.8
1.0
mV
-40 to +85°C
1.1
1.1
1.3
-40 to +125°C
1.1
1.1
1.3
1mA < IR
< 15mA
+25°C
2.7
6.0
6.0
8.0
-40 to +85°C
9.0
9.0
11.0
-40 to +125°C
9.0
9.0
11.0
ZR
Dynamic output impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.4
0.9
0.9
1.2
en
Noise voltage
IR = 100µA, 10Hz < f < 10kHz
35
µVRMS
VR
Long term stability (non-cumulative)
t = 1000Hrs, IR = 100µA
120
ppm
VHYST
Thermal hysteresis
ΔT = -40°C to = +125°C
0.08
%


同様の部品番号 - LM4040B50QFTA

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
LM4040B50FTA ZETEX-LM4040B50FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B50FTA DIODES-LM4040B50FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040B50H5TA ZETEX-LM4040B50H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B50H5TA DIODES-LM4040B50H5TA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Texas Instruments
LM4040B50IDBZR TI1-LM4040B50IDBZR Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040B50QFTA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com