データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K0820S1URP データシート(PDF) 2 Page - Littelfuse

部品番号 K0820S1URP
部品情報  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0820S1URP データシート(HTML) 2 Page - Littelfuse

  K0820S1URP Datasheet HTML 1Page - Littelfuse K0820S1URP Datasheet HTML 2Page - Littelfuse K0820S1URP Datasheet HTML 3Page - Littelfuse K0820S1URP Datasheet HTML 4Page - Littelfuse K0820S1URP Datasheet HTML 5Page - Littelfuse K0820S1URP Datasheet HTML 6Page - Littelfuse K0820S1URP Datasheet HTML 7Page - Littelfuse K0820S1URP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
2
Electrical Specifications (T
J = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Max
Unit
I
T(RMS)
On-state RMS Current
50/60Hz
1
A
I
DRM
Repetitive Peak Off-state Current
V = V
DRM
50/60Hz Sine Wave
5
μA
V
TM
Peak On-state Voltage
I
T = 1A
1.2
V
I
H
Dynamic Holding Current
R
L = 100Ω
50/60Hz Sine Wave
10
80
mA
R
S
(V
BO – VS)
Switching Resistance, R
S=
________
(I
S – IBO)
50/60Hz Sine Wave
100
Ω
I
BO
Breakover Current
50/60Hz Sine Wave
10
μA
I
TRM
Peak Repetitive Pulse Current (refer to figure 4)
K0820yU~
K0900yU
T
P=10μs
T
A=125C
60Hz
80
A
5Hz
160
K1050yU~
K2000yU
T
P=10μs
T
A=125C
60Hz
120
5Hz
280
K2200yU~
K2500yU
T
P=10μs
T
A=135C
60Hz
120
5Hz
280
I
TSM
Peak Non-repetitive Surge Current
(refer to figure 5)
Single Cycle
60Hz
20
A
50Hz
16.7
di/dt
Critical Rate of Rise of On-state Current
150
A/μs
dv/dt
Critical Rate of Rise of Off-state Voltage
1500
V/μs
T
S
Storage Temperature Range
-40
150
°C
T
J
Junction Temperature Range
K0820yU~K2000yU
-40
125
°C
K2200yU~K2500yU
-40
150
R
θJL
Thermal Resistance, Junction to Lead
DO-214
30
°C/W
DO-15
18
Figure 1: V-I Characteristics
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS -IBO)
(VBO -VS)
=
-I
Figure 2: On-state Current vs. On-state
Voltage (Typical)
0
1
2
3
4
5
6
7
8
9
0.8
1.01.2
1.41.6
1.8
2.0
Instantaneous On-state Voltage (v
T) – Volts


同様の部品番号 - K0820S1URP

メーカー部品番号データシート部品情報
logo
Littelfuse
K0820yURP LITTELFUSE-K0820yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

同様の説明 - K0820S1URP

メーカー部品番号データシート部品情報
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com