データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3004 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 TS3004
部品情報  LOWEST SUPPLY CURRENT FOR BATTERY-POWERED APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004 データシート(HTML) 1 Page - Silicon Laboratories

  TS3004 Datasheet HTML 1Page - Silicon Laboratories TS3004 Datasheet HTML 2Page - Silicon Laboratories TS3004 Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 1.0 1/15
Copyright © 2015 by Silicon Laboratories
AN856
AN856
S ILICON L ABS’ TS3004 VS. THE CMOS 555: D ETERMINING
L OWEST S UPPLY C URRENT FOR B ATTERY-P OWERED A PPLICATIONS
1. Introduction
The 555 timer is the workhorse of ICs, with close to a billion of them manufactured every year. Introduced in 1972,
the 555 is still in widespread use because of its ease of use, reasonable price, and good stability. It can be found in
a wide variety of applications for oscillation, timing and pulse generation. But what if you need a timer IC for ultra-
long life, low-frequency battery-powered/portable applications where a low supply current is a requirement? Is the
CMOS555 timer your best option?
In this application note, we will compare the CMOS555 timer to the Silicon Labs’ TS3004, a single-supply timer IC
fully specified to operate over a supply voltage range of 1.55 V to 5.25 V while consuming 1.9
μA supply current.
Requiring only a resistor to set the base output frequency (or output period) with a 50% duty cycle, the TS3004
timer/oscillator is compact, easy-to-use, and versatile.
2. TS3004 vs. the CMOS555
The TS3004 timer has an output frequency range of 0.0043 Hz to 300 kHz while maintaining a very low supply
current. To demonstrate just how low the supply current is for the TS3004, we will compare the supply current
consumption of the TS3004 to a CMOS555 timer side-by-side, with an output frequency of 1 Hz for both timers.
For this example, a Texas Instruments LMC555 is used as the CMOS version of the industry-standard 555 series
of general-purpose timers. The LMC555 offers 1.5 V supply operating voltage and requires a single external
resistor and a capacitor.
First, the output frequencies of both the TS3004 and CMOS555 were set to 1 Hz. To set the TS3004 output
frequency to 1 Hz, the appropriate Frequency Divider Input setting must be selected as well as the necessary
RSET resistance. The equation defining the FOUT frequency is found in the data sheet. As shown in Equation 1,
FOUT is defined by only one external component, the RSET resistor.
Equation 1.
The Frequency Divider Input table in the data sheet shows that the correct setting to obtain a 1 Hz output
frequency is 101, which is equivalent to 5. By substituting the appropriate value of 5 for FDIV2:0 into Equation [1]
and using an output frequency of 1 Hz, the appropriate RSET value of 3.3 M
 can be calculated.
To set the output frequency of the CMOS555 timer to 1 Hz, the oscillating frequency is defined by two external
components, a “C” capacitor, and an “RC” resistor. The equation defining the output frequency is found in the
LMC555 data sheet.
Equation 2.
FOUT
1.08
10
11
8
FDIV2:0
R
SET
-----------------------------------------
=
f
1
1.4
C
R
C
---------------------------------
=


同様の部品番号 - TS3004

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M000QFNR SEMTECH-TS30041-M000QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
TS30041-M015QFNR SEMTECH-TS30041-M015QFNR Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results

同様の説明 - TS3004

メーカー部品番号データシート部品情報
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
   Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
logo
Texas Instruments
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
Panasonic Semiconductor
EKMB1100100 PANASONIC-EKMB1100100 Datasheet
1Mb / 4P
   Low current consumption for battery-driven applications
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com