データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1120 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI1120
部品情報  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 データシート(HTML) 1 Page - Silicon Laboratories

  SI1120 Datasheet HTML 1Page - Silicon Laboratories SI1120 Datasheet HTML 2Page - Silicon Laboratories SI1120 Datasheet HTML 3Page - Silicon Laboratories SI1120 Datasheet HTML 4Page - Silicon Laboratories SI1120 Datasheet HTML 5Page - Silicon Laboratories SI1120 Datasheet HTML 6Page - Silicon Laboratories SI1120 Datasheet HTML 7Page - Silicon Laboratories SI1120 Datasheet HTML 8Page - Silicon Laboratories SI1120 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 1.0 8/10
Copyright © 2010 by Silicon Laboratories
Si1120
Si1120
P ROXIMITY/A MBIENT L IGHT S ENSOR WITH PWM O UTPUT
Features
Applications
Description
The Si1120 is a low-power, reflectance-based proximity and ambient light
sensor with advanced analog signal processing and analog PWM output.
It includes an integrated differential photodiode, signal processor, and
LED driver. Proximity sensing is based on the measurement of reflected
light from an external, optically-isolated, strobed LED. A separate visible
light photodiode is used for ambient light sensing. The standard package
for the Si1120 is an 8-pin ODFN.
Typically 50 cm meter proximity
range with single pulse
Seven precision optical
measurement modes:

3 proximity ranges

3 dc ambient ranges

1 calibration mode
Low-noise ambient cancelling
circuit allows maximum
sensitivity with 8–12 bit resolution
ALS works in direct sunlight
(100 klux)
Minimum reflectance sensitivity
<1 µW/cm2
High EMI immunity without
shielded packaging
Power supply: 2.2–3.7 V
Operating temperature range:
–40 to +85 °C
Typical 10 µA current
consumption
Programmable 400/50 mA LED
constant current driver output
Allows independent LED supply
voltage
Small outline 3 x 3 mm (ODFN)
Handsets
Touchless switches
Occupancy sensors
Consumer electronics
Notebooks/PCs
Industrial automation
Display backlighting control
Photo-interrupter
U.S. Patent #5,864,591
U.S. Patent #6,198,118
Other patents pending
Pin Assignments
MD
VSS
TXO
TXGD
SC
VDD
PRX
STX
1
2
3
4
8
7
6
5
Si1120
ODFN


同様の部品番号 - SI1120

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
1Mb / 22P
   DESIGNERS GUIDE
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

同様の説明 - SI1120

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com