データシートサーチシステム |
|
LKG1E103MESAAK データシート(PDF) 8 Page - Nichicon corporation |
|
LKG1E103MESAAK データシート(HTML) 8 Page - Nichicon corporation |
8 / 8 page 354 ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100E LKG Dimensions ( Lug Terminal Type : Grade TYPE-1) Dimensions ( Lug Terminal Type : Grade TYPE-2) Dimensions ( Lug Terminal Type : Grade TYPE-3) 50V(1H) 63V(1J) 80V(1K) 100V(2A) 22000 15000 22000 10000 15000 22000 6800 10000 15000 22000 40 × 68 40 × 68 40 × 100 40 × 68 40 × 100 50 × 100 40 × 68 40 × 100 50 × 100 63 × 80 5.40 5.60 6.60 5.40 6.50 7.80 5.10 6.00 7.40 9.70 0.30 0.30 0.30 0.25 0.25 0.25 0.25 0.25 0.25 0.25 LKG1H223MKNF LKG1J153MKNF LKG1J223MKNF LKG1K103MKNF LKG1K153MKNF LKG1K223MKZF LKG2A682MKNF LKG2A103MKNF LKG2A153MKZF LKG2A223MKZF Size φD × L(mm) Rated ripple (Arms) tan δ Code Cap. (µF) Rated Voltage (V)(code) 50(1H) 63(1J) 80(1K) 100(2A) 10000 15000 22000 6800 10000 15000 22000 6800 10000 15000 22000 6800 10000 15000 22000 35 × 80 40 × 80 50 × 80 35 × 68 40 × 80 40 × 100 50 × 100 40 × 100 50 × 80 50 × 100 63 × 100 50 × 80 50 × 100 63 × 80 76 × 100 4.60 6.10 8.30 4.30 4.90 6.70 9.10 6.10 6.20 8.40 11.6 6.20 6.90 8.70 12.9 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 LKG1H103MKN LKG1H153MKN LKG1H223MKZ L K G 1 J 6 8 2 M K N L K G 1 J 1 0 3 M K N L K G 1 J 1 5 3 M K N L K G 1 J 2 2 3 M K Z LKG1K682MKN L K G 1 K 1 0 3 M K Z L K G 1 K 1 5 3 M K Z L K G 1 K 2 2 3 M K Z L K G 2 A 6 8 2 M K Z L K G 2 A 1 0 3 M K Z L K G 2 A 1 5 3 M K Z L K G 2 A 2 2 3 M K Z Size φD × L(mm) Rated ripple (Arms) tan δ Code Cap. (µF) Rated Voltage (V)(code) 50(1H) 63(1J) 80(1K) 100(2A) 6800 10000 15000 22000 6800 10000 15000 22000 6800 10000 15000 22000 6800 10000 15000 40 × 80 40 × 100 50 × 100 63 × 80 40 × 100 50 × 80 63 × 80 63 × 100 50 × 80 63 × 80 63 × 100 76 × 100 50 × 100 63 × 100 76 × 100 5.50 6.10 8.40 10.5 6.10 6.20 8.70 11.6 6.70 7.60 10.1 13.7 7.30 8.30 11.3 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.20 0.20 0.20 0.20 0.20 0.20 0.20 LKG1H682MKNS LKG1H103MKNS LKG1H153MKZS LKG1H223MKZS LKG1J682MKNS LKG1J103MKZS LKG1J153MKZS LKG1J223MKZS LKG1K682MKZS LKG1K103MKZS LKG1K153MKZS LKG1K223MKZS LKG2A682MKZS LKG2A103MKZS LKG2A153MKZS Size φD × L(mm) Rated ripple (Arms) tan δ Code Cap. (µF) Rated Voltage (V)(code) Rated ripple current (Arms) at 85°C 120Hz |
同様の説明 - LKG1E103MESAAK |