データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPEMP100G-S150620-8 データシート(PDF) 1 Page - Total Power International

部品番号 TPEMP100G-S150620-8
部品情報  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMP100G-S150620-8 データシート(HTML) 1 Page - Total Power International

  TPEMP100G-S150620-8 Datasheet HTML 1Page - Total Power International TPEMP100G-S150620-8 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT HARMONIC CORRECTION (PFC) AC-
DC MEDICAL APPLICATION EXTERNAL DESKTOP
SWITCHING ADAPTER 78-100 WATTS GREEN POWER
SINGLE OUTPUT
TPEMP100G SERIES
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac with PFC.
Input Connector: 3 pole AC inlet IEC320-C6(DT7L) /
2 pole AC inlet IEC320-C8(DT8).
Input Frequency: 47-63Hz.
Inrush Current: 7.2Arms at 230Vac 50Hz.
Input Current: Typical 0.976A at 115Vac
Typical 0.496A at230Vac
Dielectric Withstand: Meet IEC60601-1.
EMI: Meet EN55011 FCC Class B.
Hold-up Time: Typical 22mS at 115Vac/ 43mS at 230Vac.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typical 0.98 at full load.
Earth Leakage Current: Less than 0.13mA.
No Load Power: Typical 0.37W at 132Vac,
Typical 0.50W at 264Vac.
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
NO LOAD POWER CONSUMPTION<0.5W
MEET MEDICAL STANDARDS IEC60601-1
EMI MEET EN55011 / FCC CLASS B
MEET UNIVERSAL SAFETY STANDARDS
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typical 88-90%. (various with output voltage)
Switching Frequency: 40-65 KHz.
Circuit Topology: Fixed Flyback circuit.
Transient Response: Output voltage returns in less than
1mS following a 25% load change.
Safety Standard: Meet Medical standards UL60601-1 /
EN60601-1Class I or II.
Operating Temperature: 0 to +40°C.
(various with output voltage)
Storage Temperature: -20 to +85°C.
Cooling: Free air convection.
Construction: Impact resistant plastic enclosure case.
Power Density: 4.24-5.35 Watts/Cubic inch.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current.
(4)
Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory
.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 78-100 Watts.
Output Connector: Optional.
Line Regulation: Typical 0.3 %.
Load Regulation: Typical ± 2 %.
Noise & Ripple: Typical 1% peak to peak.
OVP: Built-in. (Latch)
Adjustability: Not available.
Over Temp. Protection (OTP): Installed.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 110-135% rating output wattage.
Consult the factory for OLP setting.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


同様の部品番号 - TPEMP100G-S150620-8

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-7 TOTAL-POWER-TPEMP150G-S120100-7 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-7L TOTAL-POWER-TPEMP150G-S120100-7L Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S120100-8 TOTAL-POWER-TPEMP150G-S120100-8 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G-S150080-7 TOTAL-POWER-TPEMP150G-S150080-7 Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

同様の説明 - TPEMP100G-S150620-8

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com