データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPES51-12040 データシート(PDF) 2 Page - Total Power International

部品番号 TPES51-12040
部品情報  ACCOMMODATE UNIVERSAL AC SOURCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES51-12040 データシート(HTML) 2 Page - Total Power International

  TPES51-12040 Datasheet HTML 1Page - Total Power International TPES51-12040 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION:
TPES51 - X X X Y Y
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (
Total Power External Switcher): About 51W.
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE(Vdc)
OUTPUT VOLTAGE(Vdc) / CURRENT (A)
9.0Vdc ≤ Any Voltage ≤ 15.0Vdc
9.0-9.5V/5.0-4.7A, 9.6-10.0V/4.6-4.5A, 10.1-10.4V/4.4-4.3A,
10.5-11.0V/4.2A, 11.1-11.9V/4.1A, 12.0-12.5V/4.0A,
12.6-13.4V/3.9-3.7A, 13.5-14.1V/3.7-3.6A, 14.2-15.0V/3.5-3.4A.
15.0Vdc <Any Voltage ≤ 30.0Vdc
15.1-15.9V/3.3-3.2A, 16.0-17.0V/3.1A-3.0A, 17.1-18.2V/2.9-2.8A,
18.3-19.6V/2.7-2.6A, 19.7-21.2V/2.5-2.4A, 21.3-23.1V/2.3-2.2A,
23.2-24.2V/2.2-2.1A, 24.3-25.5V/2.0A, 25.6-26.8V/1.9A,
26.9-28.3V/1.8A, 28.4-30.0V/1.7A, 19.6V/3.0A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO.
O/P VOLTAGE
O/P CURRENT
TPES51-05080
5.0Vdc
8.0A
TPES51-09050
9.0Vdc
5.0A
TPES51-12040
12.0Vdc
4.0A
TPES51-15034
15.0Vdc
3.4A
TPES51-16031
16.0Vdc
3.1A
TPES51-18028
18.0Vdc
2.8A
TPES51-19630
19.6Vdc
3.0A
TPES51-24021
24.0Vdc
2.1A
TPES51-30017
30.0Vdc
1.7A
TPES51-48010
48.0Vdc
1.0A
TPES51-58007
58.0Vdc
0.7A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 185.0g (6.53 Oz.)
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


同様の部品番号 - TPES51-12040

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPES09 TOTAL-POWER-TPES09 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-1 TOTAL-POWER-TPES09-050160-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050160-11 TOTAL-POWER-TPES09-050160-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-1 TOTAL-POWER-TPES09-050180-1 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
TPES09-050180-11 TOTAL-POWER-TPES09-050180-11 Datasheet
344Kb / 2P
   AC TO DC EXTERNAL WALLMOUNT ADAPTOR 2-BLADE USA OR EURO-STECKER AC PLUG SINGLE OUTPUT 9-10 WATTS SWITCHING POWER SUPPLIES TPES09 SERIES
More results

同様の説明 - TPES51-12040

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
RSG Electronic Componen...
HPU100-S033250 RSG-HPU100-S033250 Datasheet
223Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
logo
Total Power Internation...
TPMI19 TOTAL-POWER-TPMI19 Datasheet
210Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPPU-60 TOTAL-POWER-TPPU-60 Datasheet
390Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com