データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1146 データシート(PDF) 2 Page - Silicon Laboratories

部品番号 SI1146
部品情報  UVIRSLIDER2EK DEMO KIT USERS GUIDE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1146 データシート(HTML) 2 Page - Silicon Laboratories

  SI1146 Datasheet HTML 1Page - Silicon Laboratories SI1146 Datasheet HTML 2Page - Silicon Laboratories SI1146 Datasheet HTML 3Page - Silicon Laboratories SI1146 Datasheet HTML 4Page - Silicon Laboratories SI1146 Datasheet HTML 5Page - Silicon Laboratories SI1146 Datasheet HTML 6Page - Silicon Laboratories SI1146 Datasheet HTML 7Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si1146 UVIRSlider2EK
2
Rev. 0.1
3. Running the Pre-Loaded UV Index Demo
1. The board receives its power over the USB interface. Connect one end of a USB cable to the USB
connector (P1) on the Si1146 UVIRSlider2EK Demo Board and the other end to a USB Port on the PC.
2. The red LED DS10 should light on the board, indicating that it is receiving power from the USB.
3. The visible blue LEDs will light according to the perceived UV Index of the environment above the board.
4. See Table 1 on page 2 for a description on what the number of blue LEDs illuminated represents.
4. Software Overview
The UVIRSLIDER2EK is supported by the UVIRSLIDER Demo application and the Si114x Programmer's Toolkit.
The software can be downloaded from the web at: http://www.silabs.com/products/sensors/pages/optical-sensor-
software.aspx.
The UVIRSLIDER Demo application allows the user to select the UV Index demo, the IR Slider demo, or the UDP
Waveform Viewer. The UV demo includes a GUI that displays the full 11+ UV Index value and the 5-level UV sun
exposure level. The IRSLIDER demo tracks the movement of your hand over the 8 LEDs on the board using
proximity to sense the position of your hand. The IRSLIDER demo can also detect hand gestures as described in
Table 2. The UDP Waveform Viewer allows users to see real-time infrared proximity and ambient light
measurements from the Si1146 in a graphical form.
The Si114x Programmer's Toolkit API enables rapid development of Si114x software in a PC environment using
the Si1146 UVIRSlider2EK Demo Board. The Si114x Programmer's Toolkit contains example source code that
allows developers to get started quickly and then tailor the code to their needs. In addition, the Silicon Labs
Integrated Development Environment (IDE) provides a means of developing code for the C8051F800 and uses the
USB connection on the board to program the MCU and perform in-system debugging.
4.1. Using the UVIRSlider2EK Demo Board with the UVIRSLIDER Demo Application
The Si1146 UVIRSlider2EK Demo Board is supported by the UVIRSLIDER Demo application. The UVIRSLIDER
Demo application allows the user to run the UV Index or IR Slider demos as well as launch the UDP Waveform
Viewer. The UDP Waveform Viewer allows users to see real-time infrared proximity and ambient light
measurements from the Si1146 in a graphical form. The communications interface to the Si1146 UVIRSlider2EK
Demo Board is provided over the USB connection.
To use the UVIRSLIDER Demo with the Si1146 UVIRSlider2EK Demo Board, perform the following steps:
1. Connect the Si1146 UVIRSlider2EK Demo Board to the PC using a USB cable.
2. Launch the UVIRSLIDER Demo. If you do not have this application, it is available for download at the link
provided at the beginning of the Software Overview description.
3. Select the desired demo from the Main Menu.
4. Follow the instructions on the screen for how to use the demo.
5. The UDP Waveform Viewer can be launched by pressing on the Waveform Viewer button on the demo
Table 1. UV Demo Output Description
# Blue LEDs
UV Index
UV Index Description
5
11+
Extreme
4
8,9,10
Very High
3
6,7
High
2
3,4,5
Moderate
11,2
Low


同様の部品番号 - SI1146

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si1146-M01-GMR SILABS-Si1146-M01-GMR Datasheet
1Mb / 70P
   Integrated infrared proximity detector
More results

同様の説明 - SI1146

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com