データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3402-B データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI3402-B
部品情報  FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3402-B データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI3402-B Datasheet HTML 2Page - Silicon Laboratories SI3402-B Datasheet HTML 3Page - Silicon Laboratories SI3402-B Datasheet HTML 4Page - Silicon Laboratories SI3402-B Datasheet HTML 5Page - Silicon Laboratories SI3402-B Datasheet HTML 6Page - Silicon Laboratories SI3402-B Datasheet HTML 7Page - Silicon Laboratories SI3402-B Datasheet HTML 8Page - Silicon Laboratories SI3402-B Datasheet HTML 9Page - Silicon Laboratories SI3402-B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Si3402-B
6
Rev. 1.0
Table 4. Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
VPORT
Detection
2.7
11
V
Classification
14
22
Undervoltage Lockout
(UVLO) Engaged
(Switching regulator OFF)
——
42
Undervoltage Lockout
(UVLO) Disengaged
(Switching regulator ON)
30
36
Transient Surge1
—100
Input Offset Current
VPORT < 10 V
10
µA
Diode Bridge Leakage
VPORT = 57 V
25
µA
IPORT Classification2
Class 0
0
4
mA
Class 1
9
12
Class 2
17
20
Class 3
26
30
Class 4
36
44
IPORT Operating Current3
36 V < VPORT < 57 V
2
3.1
mA
Current Limit4
Inrush
140
mA
Operating
470
680
mA
Hotswap FET On-Resistance
36 V < VPORT < 57 V
1
3
Power Loss (PLOSS) VPORT
Threshold
VPOS - (Greater of CT1 or
CT2), or VPOS - (Greater
of SP1 or SP2)
11.5
2
V
Switcher Frequency
350
kHz
Maximum Switcher Duty Cycle
50
75
%
Switcher Output Transient Voltage
——
100
V
Switching FET On-Resistance
0.3
0.5
1
Regulated Feedback @ Pin FB6
DC Avg.
1.35
V
Notes:
1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1–CT2 or SP1–SP2. The
shape of the impulse shall have a 300 ns full rise time and a 50 µs half fall time with 201
 source impedance.
2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in
Table 10.
3. IPORT includes full operating current of switching regulator controller.
4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the
current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating
current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the
hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage.
5. See application note, “AN956: Using the Si3402-B PoE PD Controller in Isolated and Non-Isolated Designs” for more
information.
6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).


同様の部品番号 - SI3402-B

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
Si3402-B-GM SILABS-Si3402-B-GM Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI3402-B-GM SKYWORKS-SI3402-B-GM Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
Si3402-B-GMR SILABS-Si3402-B-GMR Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - SI3402-B

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Skyworks Solutions Inc.
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
SI3400 SILABS-SI3400 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
   Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com