データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3462-EVB データシート(PDF) 9 Page - Silicon Laboratories

部品番号 SI3462-EVB
部品情報  EVALUATION BOARD USERS GUIDE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3462-EVB データシート(HTML) 9 Page - Silicon Laboratories

Back Button SI3462-EVB Datasheet HTML 5Page - Silicon Laboratories SI3462-EVB Datasheet HTML 6Page - Silicon Laboratories SI3462-EVB Datasheet HTML 7Page - Silicon Laboratories SI3462-EVB Datasheet HTML 8Page - Silicon Laboratories SI3462-EVB Datasheet HTML 9Page - Silicon Laboratories SI3462-EVB Datasheet HTML 10Page - Silicon Laboratories SI3462-EVB Datasheet HTML 11Page - Silicon Laboratories SI3462-EVB Datasheet HTML 12Page - Silicon Laboratories SI3462-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Si3462-EVB
Rev. 1.2
9
After power-up, the STATUS pin of the Si3462 is in a high-impedance state and is used for measuring the voltage
set by the DIP switch and the associated resistor network. Then, during normal operation, this pin drives the status
LED via transistor Q3.
The mode setting voltage steps are provided by a simple 4-bit DAC. Each mode setting resistor should be
connected either to GND or +3.3 V for proper operation. Take care not to short the +3.3 V supply to GND, and
remember to activate the reset button for the new configuration to take effect.
The voltage thresholds found in Table 2 on page 7 take into account the slight loading effect of Q3's base current;
therefore, it is recommended to use the same source resistance (around 2.0 k) as that of the Si3462-EVB
network when providing the status pin voltage from a different voltage source, such as a simple voltage divider or a
DAC. Different resistor values may be used in the mode setting network, but the trade-off between voltage step
accuracy and the additional worst-case supply current should be considered. For high value resistors, the base
current will alter the voltage steps, while low value resistors may place higher loads on the STATUS pin when
driving the LED.
6.2. Detection
The detection process consists of sensing a nominal 25 k signature resistance in parallel with up to 0.15 µF of
capacitance. The signature resistance measurement has to be carried out in the 2.8 to 10 V output voltage range
with a 5 mA current limit.
To eliminate the possibility of false detection events, the Si3462-EVB reference design performs a robust 3-point
detection sequence by varying the voltage across the load and sensing the load current changes. This minimizes
effects, such as those caused by the diode bridges present in powered devices (PDs).
At the beginning of the detection sequence, VOUT is at zero; then, it is varied from 4 to 8 V and back to 4 V for
20+20+50 ms at each respective level. If the PD's signature resistance is in the RGOOD range of 17 to 29 k, the
Si3462 proceeds to classification and powerup. If the PD resistance is not in this range, the detection sequence
repeats continuously.
Detection is sequenced approximately every 360 ms until RGOOD is sensed, indicating a valid PD has been
detected. The STATUS LED (D2) is flashed at an approximate rate of 1.5 Hz to indicate that the PSE is searching
for a valid PD.
6.3. Classification
To save bill of materials cost, the Si3462 does not perform classification when configured for 15.4 W of output
power. There is also a pin-programmable mode for no classification and 30 W of output power to support
non-standard PDs. If no classification is done, the classification components of the bill of materials do not need to
be populated. The classification mark components only need to be populated for 30 W mode with classification.
The Si3462 implements both the one-event and two-event physical layer classification methods. For one-event
classification, the pass FET Q4 is turned on and programmed for an output voltage of 18 V with a current limit of
75 mA for 30 ms. For the two-event classification, the 18 V pulse is output twice with an 8.5 V amplitude mark
pulse for 10 ms between the two classification pulses.
If the class level of the PD is not within the supported level as set by the initial voltage on the Si3462's STATUS pin
(refer to the Operating Mode Configuration section above), an error is declared, and the LED blinks rapidly at a rate
of 10 Hz for two seconds before the Si3462 goes back to the detection cycle. This is referred to as
classification-based power denial. If the class level is in the supported range, the Si3462 proceeds to powerup.
This is referred to as classification-based power granting. Classification level is determined according to the
current measured at the ISENSE input as shown in Table 3.


同様の部品番号 - SI3462-EVB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
Si3462-E01-GM SILABS-Si3462-E01-GM Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
Si3462-E01-GMR SILABS-Si3462-E01-GMR Datasheet
43Kb / 2P
   The behavior of the Si3462 is similar functionally to the Si3461
More results

同様の説明 - SI3462-EVB

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
   EVALUATION BOARD USERS GUIDE
SI8232 SILABS-SI8232 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A Datasheet
506Kb / 79P
   Evaluation Module Users Guide
logo
Silicon Laboratories
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com