データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5321-H-BL データシート(PDF) 7 Page - Silicon Laboratories

部品番号 SI5321-H-BL
部品情報  SONET/SDH PRECISION CLOCK MULTIPLIER IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5321-H-BL データシート(HTML) 7 Page - Silicon Laboratories

Back Button SI5321-H-BL Datasheet HTML 3Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 4Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 5Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 6Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 7Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 8Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 9Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 10Page - Silicon Laboratories SI5321-H-BL Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Si5321
Rev. 2.5
7
Table 3. AC Characteristics
(VDD33 =3.3 V ±5%, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Clock Frequency (CLKIN)
FEC[2:0] = 000 (non FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
No FEC Scaling,
FXDDELAY = 1
19.436
38.872
77.744
155.48
310.97
621.95
21.685
43.369
86.738
173.48
346.95
693.90
MHz
Input Clock Frequency (CLKIN)
FEC[2:0] = 001 (forward FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
255/238 FEC Scaling,
FXDDELAY = 1
18.142
36.284
72.568
145.13
290.27
580.54
20.239
40.478
80.955
161.91
323.82
647.64
MHz
Input Clock Frequency (CLKIN)
FEC[2:0] = 010 (reverse FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
238/255 FEC Scaling,
FXDDELAY = 1
20.826
41.652
83.305
166.61
333.22
666.44
23.234
46.465
92.934
185.87
371.74
743.47
MHz
Input Clock Frequency (CLKIN)
FEC[2:0] = 100 (forward FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
255/237 FEC Scaling
Minimum input frequency is
in the 155 MHz range,
FXDDELAY = 1
N/A
N/A
N/A
144.52
289.05
578.11
N/A
N/A
N/A
N/A
N/A
N/A
161.23
322.46
644.92
MHz
Input Clock Frequency (CLKIN)
FEC[2:0] = 101 (reverse FEC)
INFRQSEL[2:0] = 001
INFRQSEL[2:0] = 010
INFRQSEL[2:0] = 011
INFRQSEL[2:0] = 100
INFRQSEL[2:0] = 101
INFRQSEL[2:0] = 110
fCLKIN
237/255 FEC Scaling
Minimum input frequency is
in the 155 MHz range,
FXDDELAY = 1
N/A
N/A
N/A
167.31
334.62
669.25
N/A
N/A
N/A
N/A
N/A
N/A
186.66
373.31
746.61
MHz
Note: The Si5321 provides a 1/32x, 1/16x, 1/8x, 1/4x, 1/2x, 1x, 2x, 4x, 8x, 16x, 32x, 64x, or 128x clock multiplication function
with an option for additional frequency scaling by a factor of 255/238, 238/255, 255/237, 237/255, 66/64, or 64/66 for
FEC rate conversion.


同様の部品番号 - SI5321-H-BL

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5321-H-BL SKYWORKS-SI5321-H-BL Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
More results

同様の説明 - SI5321-H-BL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com