データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5351B-B-GM データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SI5351B-B-GM
部品情報  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351B-B-GM データシート(HTML) 8 Page - Silicon Laboratories

Back Button SI5351B-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 9Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 10Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 11Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Si5350C-B
8
Rev. 1.0
2. Typical Application
2.1. Si5350C Replaces Multiple Clocks and XOs
The Si5350C is a clock generation device that provides both synchronous and free-running clocks for applications
where power, board size, and cost are critical. An example application is shown in Figure 1. Any other combination
is possible.
Figure 1. Replacing multiple XTAL/XOs and PLLs with one Si5350C
2.2. Applying a Reference Clock at XTAL Input
The Si5350C can be driven with a clock signal through the XA input pin. This is especially useful when in need of
generating clock outputs in two synchronization domains; one reference clock can be provided at the CLKIN pin
and at XA.
Figure 2. Si5350C Driven by a Clock Signal
Ethernet
PHY
USB
Controller
HDMI
Port
28.322 MHz
48 MHz
125 MHz
Video/Audio
Processor
74.25/1.001 MHz
24.576 MHz
OSC
XA
XB
CLK0
CLK1
CLK2
CLK3
CLK4
CLK5
PLL
PLL
Multi
Synth
0
Multi
Synth
1
Multi
Synth
2
74.25 MHz
CLKIN
27 MHz
Si5350C
Multi
Synth
3
Multi
Synth
4
Multi
Synth
5
54 MHz
Free-running
Clocks
Synchronous
Clocks
Multi
Synth
N
Multi
Synth
0
Multi
Synth
1
PLLB
PLLA
XA
XB
OSC
VIN = 1 VPP
25/27 MHz
Note: Float the XB input while driving
the XA input with a clock
0.1 µF


同様の部品番号 - SI5351B-B-GM

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5351B-B-GM SILABS-SI5351B-B-GM Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351B-B-GM SILABS-SI5351B-B-GM Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5351B-B-GM SILABS-Si5351B-B-GM Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351B-B-GM SKYWORKS-SI5351B-B-GM Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
More results

同様の説明 - SI5351B-B-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com