データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5351B-B-GM データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI5351B-B-GM
部品情報  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351B-B-GM データシート(HTML) 1 Page - Silicon Laboratories

  SI5351B-B-GM Datasheet HTML 1Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 2Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 3Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 4Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 5Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 6Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 7Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 8Page - Silicon Laboratories SI5351B-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev. 1.0 4/15
Copyright © 2015 by Silicon Laboratories
Si5350C-B
Si5350C-B
F ACTORY-P ROGRAMMABLE A NY-F REQUENCY CMOS
C LOCK G ENERATOR + PLL
Features
Applications
Description
The Si5350C generates free-running and/or synchronized clocks selectable on each
of its outputs. A dual PLL + high resolution MultiSynthTM fractional divider
architecture enables this user-definable custom timing device to generate any of the
specified output frequencies at any of its outputs. This allows the Si5350C to replace
a combination of crystals, crystal oscillators, and synchronized clocks (PLL). Custom
pin-controlled Si5350C devices can be requested using the ClockBuilder web-based
part number utility (www.silabs.com/ClockBuilder).
Functional Block Diagram
www.silabs.com/custom-timing
Generates up to 8 non-integer-related
frequencies from 2.5 kHz to 200 MHz
Exact frequency synthesis at each
output (0 ppm error)
Glitchless frequency changes
Low output period jitter: < 70 ps pp, typ
Configurable Spread Spectrum
selectable at each output
User-configurable control pins:

Output Enable (OEB_0/1/2)

Power Down (PDN)

Frequency Select (FS_0/1)

Spread Spectrum Enable (SSEN)

Loss of Lock Status (LOLB)
Supports static phase offset
Rise/fall time control
Operates from a low-cost, fixed
frequency crystal: 25 or 27 MHz
Separate voltage supply pins provide
level translation:

Core VDD: 1.8V, 2.5 V or 3.3 V

Output VDDO: 1.8 V, 2.5 V, or 3.3 V
Excellent PSRR eliminates external
power supply filtering
Very low power consumption (25 mA
core, typ)
Available in 2 packages types:

10-MSOP: 3 outputs

20-QFN (4x4 mm): 8 outputs
PCIE Gen 1 compliant
Supports HCSL compatible swing
HDTV, DVD/Blu-ray, set-top box
Audio/video equipment, gaming
Printers, scanners, projectors
Handheld instrumentation
Residential gateways
Networking/communication
Servers, storage
XO replacement
Ordering Information:
See Page 18
10-MSOP
20-QFN


同様の部品番号 - SI5351B-B-GM

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5351B-B-GM SILABS-SI5351B-B-GM Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5351B-B-GM SILABS-SI5351B-B-GM Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5351B-B-GM SILABS-Si5351B-B-GM Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351B-B-GM SKYWORKS-SI5351B-B-GM Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
More results

同様の説明 - SI5351B-B-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com