データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8030AA-B-IU データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI8030AA-B-IU
部品情報  1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8030AA-B-IU データシート(HTML) 1 Page - Silicon Laboratories

  SI8030AA-B-IU Datasheet HTML 1Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 2Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 3Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 4Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 5Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 6Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 7Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 8Page - Silicon Laboratories SI8030AA-B-IU Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev. 1.0 1/14
Copyright © 2014 by Silicon Laboratories
Si80xx-1kV
Si80xx-1kV
1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Features
Applications
Description
Silicon Lab's family of low-power digital isolators are CMOS devices
offering substantial data rate, propagation delay, power, size, reliability,
and external BOM advantages over legacy isolation technologies. The
operating parameters of these products remain stable across wide
temperature ranges and throughout device service life for ease of
design and highly uniform performance. All device versions have
Schmitt trigger inputs for high noise immunity and only require VDD
bypass capacitors. Data rates up to 10 Mbps are supported, and all
devices achieve propagation delays of less than 65 ns. Enable inputs
provide a single point control for enabling and disabling output drive.
Ordering options include a choice of 1kVRMS isolation ratings.
High-speed operation

DC to 10 Mbps
No start-up initialization required
Wide Operating Supply Voltage

3.15 – 5.5 V
Up to 1000 VRMS isolation
High electromagnetic immunity
Low power consumption (typical)

2.3 mA per channel at 10 Mbps
Tri-state outputs with ENABLE
Schmitt trigger inputs
Default high or low output
Precise timing (typical)

40 ns propagation delay

20 ns pulse width distortion

100 ns minimum pulse width
Transient Immunity 50 kV/µs
AEC-Q100 qualification
Wide temperature range

–40 to 125 °C
RoHS-compliant packages

QSOP-16
Industrial automation systems
Medical electronics
Hybrid electric vehicles
Isolated ADC, DAC
Power inverters
Communication systems
Ordering Information:
See page 18.


同様の部品番号 - SI8030AA-B-IU

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8030AA-B-IU SKYWORKS-SI8030AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

同様の説明 - SI8030AA-B-IU

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com