データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8630BT-IS データシート(PDF) 11 Page - Silicon Laboratories

部品番号 SI8630BT-IS
部品情報  Low-Power Triple-Channel Digital Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8630BT-IS データシート(HTML) 11 Page - Silicon Laboratories

Back Button SI8630BT-IS Datasheet HTML 7Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 8Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 9Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 10Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 11Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 12Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 13Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 14Page - Silicon Laboratories SI8630BT-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
All Models
Output Rise Time
tr
CL = 15 pF
See Figure 4.2 Propagation
Delay Timing on page 11
2.5
4.0
ns
Output Fall Time
tf
CL = 15 pF
See Figure 4.2 Propagation
Delay Timing on page 11
2.5
4.0
ns
Peak Eye Diagram Jitter
tJIT(PK)
See Figure 2.3 Eye Diagram
on page 3
350
ps
Common Mode Transient Immunity
Si86xxxB/C/D
Si86xxxT
CMTI
VI = VDD or 0 V
VCM = 1500 V
See Figure 4.3 Common-
Mode Transient Immunity Test
Circuit on page 11
35
60
50
100
kV/µs
Enable to Data Valid
ten1
See Figure 4.1 ENABLE Tim-
ing Diagram on page 11
6.0
11
ns
Enable to Data Tri-State
ten2
See Figure 4.1 ENABLE Tim-
ing Diagram on page 11
8.0
12
ns
Input power loss to valid default output
tSD
See Figure 3.1 Device Behav-
ior during Normal Operation
on page 6
8.0
12
ns
Start-up Time 4
tSU
15
40
µs
Note:
1. VDD1 = 5 V ±10%; VDD2 = 5 V ±10%, TA = –40 to 125 °C
2. The nominal output impedance of an isolator driver channel is approximately 50 Ω, ±40%, which is a combination of the value of
the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission
line effects will be a factor, output pins should be appropriately terminated with controlled-impedance PCB traces.
3. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same
supply voltages, load, and ambient temperature.
4. Start-up time is the time period from the application of power to the appearance of valid data at the output.
Si8630/31/35 Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 10


同様の部品番号 - SI8630BT-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8630BT-IS SKYWORKS-SI8630BT-IS Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
More results

同様の説明 - SI8630BT-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Texas Instruments
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com