データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5761R データシート(PDF) 9 Page - Analog Devices

部品番号 AD5761R
部品情報  Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5761R データシート(HTML) 9 Page - Analog Devices

Back Button AD5761R Datasheet HTML 5Page - Analog Devices AD5761R Datasheet HTML 6Page - Analog Devices AD5761R Datasheet HTML 7Page - Analog Devices AD5761R Datasheet HTML 8Page - Analog Devices AD5761R Datasheet HTML 9Page - Analog Devices AD5761R Datasheet HTML 10Page - Analog Devices AD5761R Datasheet HTML 11Page - Analog Devices AD5761R Datasheet HTML 12Page - Analog Devices AD5761R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
AD5761R/AD5721R
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
200 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 4.
Parameter
Rating
VDD to AGND
−0.3 V to +34 V
VSS to AGND
+0.3 V to −17 V
VDD to VSS
−0.3 V to +34 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
VREFIN/VREFOUT to DGND
−0.3 V to +7 V
VOUT to AGND
VSS to VDD
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range,
TA Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature, TJ MAX
150°C
16-Lead TSSOP Package
θJA Thermal Impedance
113°C/W1
θJC Thermal Impedance
28°C/W
16-Lead LFCSP Package
θJA Thermal Impedance
75°C/W1
θJC Thermal Impedance
4.5°C/W2
Power Dissipation
(TJ MAX − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
4 kV
1
JEDEC 2S2P test board, still air (0 m/sec airflow).
2
Measured to exposed paddle, with infinite heat sink on package top surface.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Rev. A | Page 9 of 35


同様の部品番号 - AD5761R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5761R AD-AD5761R Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761RACPZ-RL7 AD-AD5761RACPZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761RARUZ AD-AD5761RARUZ Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761RARUZ-RL7 AD-AD5761RARUZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
More results

同様の説明 - AD5761R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com