データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF5355 データシート(PDF) 5 Page - Analog Devices

部品番号 ADF5355
部品情報  Microwave Wideband Synthesizer with Integrated VCO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF5355 データシート(HTML) 5 Page - Analog Devices

  ADF5355 Datasheet HTML 1Page - Analog Devices ADF5355 Datasheet HTML 2Page - Analog Devices ADF5355 Datasheet HTML 3Page - Analog Devices ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Data Sheet
ADF5355
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RFOUTA±/RFOUTB Supply Current
IRF
OUT
RFOUTA± output stage is
programmable; enabling RFOUTB
draws negligible extra current
16
20
mA
−4 dBm setting
30
35
mA
−1 dBm setting
42
50
mA
2 dBm setting
55
70
mA
5 dBm setting
Low Power Sleep Mode
500
µA
Hardware power-down selected
1000
µA
Software power-down selected
RF OUTPUT CHARACTERISTICS
VCO Frequency Range
3400
6800
MHz
Fundamental VCO range
RFOUTB Output Frequency
6800
13600
MHz
2× VCO output (RFOUTB)
RFOUTA+/RFOUTA− Output Frequency
53.125
6800
MHz
VCO Sensitivity
KV
15
MHz/V
Frequency Pushing (Open-Loop)
15
MHz/V
Frequency Pulling (Open-Loop)
0.5
MHz
Voltage standing wave ratio (VSWR) =
2:1 RFOUTA+/RFOUTA−
30
MHz
VSWR = 2:1 RFOUTB
Harmonic Content
Second
−27
dBc
Fundamental VCO output (RFOUTA+)
−22
dBc
Divided VCO output (RFOUTA+)
Third
−20
dBc
Fundamental VCO output (RFOUTA+)
−12
dBc
Divided VCO output (RFOUTA+)
Fundamental VCO Feedthrough
−8
dBm
RFOUTB = 10 GHz
−55
dBc
RFOUTA+/RFOUTA− = 1 GHz;
VCO frequency = 4 GHz
RF Output Power4
+8
dBm
RFOUTA+ = 1 GHz; 7.5 nH inductor to VRF
−3
dBm
RFOUTA+/RFOUTA− = 6.8 GHz;
7.5 nH inductor to VRF
1
dBm
RFOUTB = 6.8 GHz
−1
dBm
RFOUTB = 13.6 GHz
RF Output Power Variation
±1
dB
RFOUTA+/RFOUTA− = 5 GHz
±1
dB
RFOUTB = 10 GHz
RF Output Power Variation (over Frequency)
±6
dB
RFOUTA+/RFOUTA− = 1 GHz to 6.8 GHz
±4
dB
RFOUTB = 6.8 GHz to 13.6 GHz
Level of Signal with RF Output Disabled
−60
dBm
RFOUTA+/RFOUTA− = 1 GHz
−30
dBm
RFOUTA+/RFOUTA− = 6.8 GHz
−15
dBm
RFOUTB = 6.8 GHz
−17
dBm
RFOUTB = 13.6 GHz
NOISE CHARACTERISTICS
Fundamental VCO Phase Noise Performance
VCO noise in open-loop conditions
−116
dBc/Hz
100 kHz offset from 3.4 GHz carrier
−136
dBc/Hz
800 kHz offset from 3.4 GHz carrier
−138
dBc/Hz
1 MHz offset from 3.4 GHz carrier
−155
dBc/Hz
10 MHz offset from 3.4 GHz carrier
−113
dBc/Hz
100 kHz offset from 5.0 GHz carrier
−133
dBc/Hz
800 kHz offset from 5.0 GHz carrier
−135
dBc/Hz
1 MHz offset from 5.0 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.0 GHz carrier
−110
dBc/Hz
100 kHz offset from 6.8 GHz carrier
−130
dBc/Hz
800 kHz offset from 6.8 GHz carrier
−132
dBc/Hz
1 MHz offset from 6.8 GHz carrier
−150
dBc/Hz
10 MHz offset from 6.8 GHz carrier
Rev. A | Page 5 of 38


同様の部品番号 - ADF5355

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
ADF5355BCPZ AD-ADF5355BCPZ Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355BCPZ-RL7 AD-ADF5355BCPZ-RL7 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
More results

同様の説明 - ADF5355

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
   Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
   Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
   Microwave Wideband Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com