データシートサーチシステム |
|
TPLSU60-106-15V データシート(PDF) 1 Page - Total Power International |
|
TPLSU60-106-15V データシート(HTML) 1 Page - Total Power International |
1 / 2 page Features: WideOperatingVoltage90to264VAC,47to63Hz InternalEMIfilter ActivePowerFactorCorrection C.C.Mode+C.V.Mode ConstantCurrent:0.84~5.45A ConstantVoltage:11~58V OverVoltage,OverCurrent,OverOver Temperature(optional) ClassI 3yearwarranty ElectricalCharacteristics: Vin Safety ApprovalsInputVoltageRange OperateVoltageRange 100~277VAC 90~264VAC fin PF Po Vo Io Iil Iih InputFrequency PowerFactorCorrection OutputPowerRange Seeratingchart Seeratingchart Seeratingchart OutputVoltageRange OutputCurrentRange InputCurrent(LowLine) Io=Fullload,Vin=100VAC Io=Fullload,Vin=90~264VAC Io=Fullload,Vin=240VAC Io=Fullload,25 C,Coolstart,Vin=115VAC ° Io=Fullload,25°C,Coolstart,Vin=230VAC InputCurrent(HighLine) LowLineInrushCurrent HighLineInrushCurrent 1.0A 0.4A 47~63Hz 0.90~10 . 35A (max.) 70A (max.) 84~90% Eff REG-i REG-o OVP OCP Ttr Th Ts Vp-p Ilk TC Io=FullLoad,Vin=230VAC Io=FullLoad Vin=230VAC(C.C.) Vin=230VAC (C.V.) C.C. C.V. Io=FullLoad,Vin=110VAC Io=FullLoad,Vin=100VAC FullLoad,Vin=90VAC Io=FullLoadtoHalfLoad,Vin=100VAC Vin=240VAC/60Hz Alloutput Efficiency LineRegulation LoadRegulation LoadRegulation OverVoltageProtection OverCurrentProtection OverCurrentProtection TimeofTransientResponse Hold-UpTime(C.V.) StartUpTime TemperatureCoefficient Ripple&Noise(PeaktoPeak) SafetyGroundLeakageCurrent ±0.04%/°C 103~105% 103~105% 140~180% 1S (max.) 8mS (min.) 0.5~1% 0.75mA (max.) 1%(max.) 3% 3% 4mS(max.) Pno Seeratingchart Environmental To Operating Temperature Ts Storage Temperature Hr Ho StorageHumidity OperatingHumidity Pd Deratelinearlyfrom100%loadat50°Cto50%loadat70°C MTBF OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F , ° -40~85°C 0~95% 0~95% 0.1MHrs(min.) Seederatingcurve Noload,Vin=230VAC No-LoadPowerConsumption Vps Vpg 4242VDC (min.) 2121VDC (min.) Primarytosecondary PrimarytoPE DielectricWithstandingVoltage DielectricWithstandingVoltage forPrimarytoPE TPLSU60 SERIES Ris TestVoltage=500VDC IsolationResistance 50M (min.) Ir 60WLEDPowerSupply SafetyApprovals: Application: RoHS 2002/95/EC COMPLIANT BAUART TYPE APPROVED GEPRUFT CB IP67 -Outdoorinstallations UL/c-UL(UL8750:1stedition) TUV(EN/IEC61347-1:2008, EN/IEC61347-2-13:2006) CE-EMC(EN55015:2006& EN61547:1995+A1:2000) Tota Total Power International, Inc. Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com |
同様の部品番号 - TPLSU60-106-15V |
|
同様の説明 - TPLSU60-106-15V |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |