データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI52112-A2 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI52112-A2
部品情報  PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-A2 データシート(HTML) 5 Page - Silicon Laboratories

  SI52112-A2 Datasheet HTML 1Page - Silicon Laboratories SI52112-A2 Datasheet HTML 2Page - Silicon Laboratories SI52112-A2 Datasheet HTML 3Page - Silicon Laboratories SI52112-A2 Datasheet HTML 4Page - Silicon Laboratories SI52112-A2 Datasheet HTML 5Page - Silicon Laboratories SI52112-A2 Datasheet HTML 6Page - Silicon Laboratories SI52112-A2 Datasheet HTML 7Page - Silicon Laboratories SI52112-A2 Datasheet HTML 8Page - Silicon Laboratories SI52112-A2 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si52112-A1/A2
Rev 1.2
5
Table 3. AC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
45
55
%
CLKIN Rise and Fall Times
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle-to-Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
——
35
uA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
uA
DIFF Clocks
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Skew
TSKEW
Measured at 0 V differential
60
ps
Output Frequency
FOUT
VDD = 3.3 V
100
MHz
Frequency Accuracy
FACC
All output clocks
——
100
ppm
Slew Rate
tr/f2
Measured differentially from
±150 mV
0.6
4.0
V/ns
Cycle-to-Cycle Jitter
TCCJ
Measured at 0 V differential
28
70
ps
PCIe Gen 1 Pk-Pk Jitter
Pk-PkGEN1
PCIe Gen 1
24
86
ps
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Spread Range
SRNG
Down Spread, -A2 only
–0.5
%
Modulation Frequency
FMOD
-A2 only
30
31.5
33
kHz
Enable/Disable and Set-up
Clock Stabilization from Power-
up
TSTABLE
——
3
ms
Stopclock Set-up Time
TSS
10.0
ns
Note:
Visit www.pcisig.com for complete PCIe specifications.


同様の部品番号 - SI52112-A2

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI52112-A2 SKYWORKS-SI52112-A2 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GM2 SKYWORKS-SI52112-A2-GM2 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GM2R SKYWORKS-SI52112-A2-GM2R Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GT SKYWORKS-SI52112-A2-GT Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GTR SKYWORKS-SI52112-A2-GTR Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

同様の説明 - SI52112-A2

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52111-A1 SILABS-SI52111-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 SINGLE OUTPUT CLOCK GENERATOR
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com