データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI53108 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI53108
部品情報  DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53108 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI53108 Datasheet HTML 2Page - Silicon Laboratories SI53108 Datasheet HTML 3Page - Silicon Laboratories SI53108 Datasheet HTML 4Page - Silicon Laboratories SI53108 Datasheet HTML 5Page - Silicon Laboratories SI53108 Datasheet HTML 6Page - Silicon Laboratories SI53108 Datasheet HTML 7Page - Silicon Laboratories SI53108 Datasheet HTML 8Page - Silicon Laboratories SI53108 Datasheet HTML 9Page - Silicon Laboratories SI53108 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Si53108
6
Rev. 1.2
Table 5. Output Relational Timing Parameters
TA = –40 to 85 °C; supply voltage VDD =3.3 V ±5%
Parameter
Test Condition
Min
TYP
Max
Unit
Notes
CLK_IN, DIF[x:0]
Input-to-Output Delay in PLL Mode
Nominal Value
–100
20
100
ps
1,2,4,5
CLK_IN, DIF[x:0]
Input-to-Output Delay in Bypass Mode
Nominal Value
2.5
3.3
4.5
ns
2,3,5
CLK_IN, DIF[x:0]
Input-to-Output Delay Variation in PLL
mode (over voltage and temperature)
Nominal Value
–100
39
100
ps
2,3,5
CLK_IN, DIF[x:0]
Input-to-Output Delay Variation in Bypass
Mode (over voltage and temperature)
Nominal Value
–250
250
ps
2,3,5
CLK_IN, DIF[7:0]
Output-to-Output Skew across all 12 out-
puts (Common to Bypass and PLL mode)
0
25
50
ps
1,2,3,5
Notes:
1.
Measured into fixed 2 pF load cap. Input-to-output skew is measured at the first output edge following the
corresponding input.
2.
Measured from differential cross-point to differential cross-point.
3.
All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created
by it.
4.
This parameter is deterministic for a given device.
5.
Measured with scope averaging on to find mean value
Table 6. PLL Bandwidth and Peaking
TA = –40 to 85 °C; supply voltage VDD =3.3 V ±5%
Parameter
Test Condition
Min
TYP
Max
Unit
Notes
PLL Jitter Peaking
HBW_BYPASS_LBW = 0
0.4
2.0
dB
2
PLL Jitter Peaking
HBW_BYPASS_LBW =1
0.1
2.0
dB
2
PLL Bandwidth
HBW_BYPASS_LBW =1
2
3
4
MHz
1
PLL Bandwidth
HBW_BYPASS_LBW = 0
0.7
1
1.4
MHz
1
Notes:
1.
Measured at 3 db down or half power point.
2.
Measured as maximum pass band gain. At frequencies with the loop BW, highest point of magnification is call PLL
jitter peaking.


同様の部品番号 - SI53108

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108-A01AGM SKYWORKS-SI53108-A01AGM Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53108-A01AGMR SKYWORKS-SI53108-A01AGMR Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53108-EVB SILABS-SI53108-EVB Datasheet
1Mb / 7P
   DC pin controls per data sheet specification
More results

同様の説明 - SI53108

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI53108 SKYWORKS-SI53108 Datasheet
1Mb / 37P
   DB800ZL 8-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Texas Instruments
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
[Old version datasheet]   CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Integrated Device Techn...
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com