データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI53321 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI53321
部品情報  1:10 LOW JITTER LVPECL CLOCK BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53321 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI53321 Datasheet HTML 2Page - Silicon Laboratories SI53321 Datasheet HTML 3Page - Silicon Laboratories SI53321 Datasheet HTML 4Page - Silicon Laboratories SI53321 Datasheet HTML 5Page - Silicon Laboratories SI53321 Datasheet HTML 6Page - Silicon Laboratories SI53321 Datasheet HTML 7Page - Silicon Laboratories SI53321 Datasheet HTML 8Page - Silicon Laboratories SI53321 Datasheet HTML 9Page - Silicon Laboratories SI53321 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Si53321
6
Rev. 1.0
Table 8. Thermal Conditions
Parameter
Symbol
Test Condition
Value
Unit
32-eLQFP Thermal
Resistance, Junction to
Ambient
JA
Still air
54.9
°C/W
32-eLQFP Thermal
Resistance, Junction to
Case
JC
Still air
10.0
°C/W
32-QFN Thermal
Resistance, Junction to
Ambient
JA
Still air
99.6
°C/W
32-QFN Thermal
Resistance, Junction to
Case
JC
Still air
10.3
°C/W
Table 9. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage Temperature
TS
–55
150
C
Supply Voltage
VDD
–0.5
3.8
V
Input Voltage
VIN
–0.5
VDD+
0.3
V
Output Voltage
VOUT
——
VDD+
0.3
V
ESD Sensitivity
HBM
HBM, 100 pF, 1.5 kΩ
2000
V
ESD Sensitivity
CDM
500
V
Peak Soldering Reflow
Temperature
TPEAK
Pb-Free; Solder reflow profile per
JEDEC J-STD-020
260
C
Maximum Junction
Temperature
TJ
125
C
Note:
Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.


同様の部品番号 - SI53321

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si53321-B-GM SILABS-Si53321-B-GM Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53321-B-GM SKYWORKS-SI53321-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
logo
Silicon Laboratories
Si53321-B-GQ SILABS-Si53321-B-GQ Datasheet
1Mb / 51P
   Output Enable option
logo
Skyworks Solutions Inc.
SI53321-B-GQ SKYWORKS-SI53321-B-GQ Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

同様の説明 - SI53321

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53325 SILABS-SI53325 Datasheet
1Mb / 27P
   DUAL 1:5 LOW JITTER LVPECL CLOCK BUFFER
SI53323 SILABS-SI53323 Datasheet
1Mb / 23P
   1:4 LOW-JITTER LVPECL CLOCK BUFFER WITH 2:1 INPUT MUX
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Silicon Laboratories
SI53365 SILABS-SI53365 Datasheet
1Mb / 14P
   1:8 LOW JITTER CMOS CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Silicon Laboratories
SI53315 SILABS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com