データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCEL824PWR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCEL824PWR
部品情報  Programmable 2-PLL Clock Synthesizer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCEL824PWR データシート(HTML) 3 Page - Texas Instruments

  CDCEL824PWR Datasheet HTML 1Page - Texas Instruments CDCEL824PWR Datasheet HTML 2Page - Texas Instruments CDCEL824PWR Datasheet HTML 3Page - Texas Instruments CDCEL824PWR Datasheet HTML 4Page - Texas Instruments CDCEL824PWR Datasheet HTML 5Page - Texas Instruments CDCEL824PWR Datasheet HTML 6Page - Texas Instruments CDCEL824PWR Datasheet HTML 7Page - Texas Instruments CDCEL824PWR Datasheet HTML 8Page - Texas Instruments CDCEL824PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Xin/Clk 1
16 Xout
S0 2
15 S1/SDA
Vdd 3
14 S2/SCL
Vctr 4
13 DNC
GND 5
12 GND
Vddout 6
11 Y1
Y3 7
10 Y2
Y4 8
9 Vddout
CDCEL824
www.ti.com
SCAS945A – JUNE 2015 – REVISED SEPTEMBER 2015
6 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
Xin/CLK
I
Crystal oscillator input or LVCMOS clock Input (selectable via SDA/SCL bus).
2
S0
I
User-programmable control input S0; LVCMOS inputs; internal pullup.
3
VDD
Power
1.8-V power supply for the device
4
VCtrl
I
VCXO control voltage (leave open or pull up when not used).
5, 12
GND
Ground
Ground
6, 9
VDDOUT
Power
1.8-V supply for all outputs
7
Y3
O
LVCMOS outputs
8
Y4
O
LVCMOS outputs
10
Y2
O
LVCMOS outputs
11
Y1
O
LVCMOS outputs
13
DNC
O
Reserved pin, do not connect
SCL: Serial clock input (default configuration), LVCMOS; internal pullup.
14
SCL/S2
I
S2: User-programmable control input; LVCMOS inputs; internal pullup.
SDA: Bidirectional serial data input/output (default configuration), LVCMOS; internal pullup
15
SDA/S1
I/O or I
S1: User-programmable control input; LVCMOS inputs; internal pullup.
16
Xout
O
Crystal oscillator output (leave open or pull up when not used).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCEL824


同様の部品番号 - CDCEL824PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCEL913 TI-CDCEL913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913 TI-CDCEL913 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913 TI-CDCEL913 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913 TI1-CDCEL913 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

同様の説明 - CDCEL824PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com