データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVP111RHBR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCLVP111RHBR
部品情報  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111RHBR データシート(HTML) 7 Page - Texas Instruments

Back Button CDCLVP111RHBR Datasheet HTML 3Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 4Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 5Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 6Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 7Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 8Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 9Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 10Page - Texas Instruments CDCLVP111RHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
IL
IH
V
V -
CDCLVP111
www.ti.com
SCAS859F – JANUARY 2009 – REVISED JUNE 2015
6.6 DC Electrical Characteristics, LVPECL
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEE
Supply internal current
Absolute value of current
–40°C, 25°C, 85°C
40
85
mA
-40°C
354
Output and internal
ICC
All outputs terminated 50
Ω to VCC – 2 V
25°C
380
mA
supply current
85°C
405
Includes pullup/pulldown resistors
IIN
Input current
–40°C, 25°C, 85°C
–150
150
μA
VIH=VCC, VIL= VCC–2V
VCC = 3 to 3.8 V, IBB= –0.2 mA
–40°C, 25°C, 85°C
VCC – 1.45
VCC – 1.3
VCC – 1.15
Internally generated
VBB
V
VCC = 2.375 to 2.75 V,
bias voltage
–40°C, 25°C, 85°C
VCC – 1.4
VCC – 1.25
VCC – 1.1
IBB = –0.2 mA
High-level input voltage
VIH
–40°C, 25°C, 85°C
VCC – 1.165
VCC – 0.88
V
(CLK_SEL)
Low-level input voltage
VIL
–40°C, 25°C, 85°C
VCC – 1.81
VCC – 1.475
V
(CLK_SEL)
Input amplitude (CLKn,
VID
–40°C, 25°C, 85°C
0.5
1.3
V
CLKn)
Difference of inpu, see (1),
Common-mode
VCM
DC offset relative to VEE
–40°C, 25°C, 85°C
1
VCC – 0.3
V
voltage (CLKn, CLKn)
–40°C
VCC – 1.26
VCC – 0.85
High-level output
VOH
IOH = –21 mA
25°C
VCC – 1.2
VCC – 0.85
V
voltage
85°C
VCC – 1.15
VCC – 0.85
–40°C
VCC – 1.85
VCC – 1.5
Low-level output
VOL
IOL = –5 mA
25°C
VCC – 1.85
VCC – 1.45
V
voltage
85°C
VCC – 1.85
VCC – 1.4
Differential output
Terminated with 50
Ω to
VOD
–40°C, 25°C, 85°C
600
mV
voltage swing
VCC - 2 V, see Figure 5
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
6.7 AC Electrical Characteristics
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = -2.375 V to -3.8 V over operating free-
air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential propagation delay CLKn,
tpd
See Note D in Figure 2
200
350
ps
CLKn to all Q0, Q0… Q9, Q9
tsk(o)
Output-to-output skew
See Note A in Figure 2
15
30
ps
tsk(pp)
Part-to-part skew
See Note B in Figure 2
70
ps
Integration bandwidth of 20 kHz to 20 MHz,
taj
Additive phase jitter
0.04
< 0.8
ps
fout = 125 MHz at 25°C
f(max)
Maximum frequency
Functional up to 3.5 GHz
3500
MHz
tr/tf
Output rise and fall time (20%, 80%)
See Note D in Figure 2
90
200
ps
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCLVP111


同様の部品番号 - CDCLVP111RHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP111RHBR TI-CDCLVP111RHBR Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

同様の説明 - CDCLVP111RHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com