データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCL1810RGZTG4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCL1810RGZTG4
部品情報  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810RGZTG4 データシート(HTML) 3 Page - Texas Instruments

  CDCL1810RGZTG4 Datasheet HTML 1Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 2Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 3Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 4Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 5Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 6Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 7Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 8Page - Texas Instruments CDCL1810RGZTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CDCL1810
www.ti.com
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
Added Note 1 to the Function Block Diagram ...................................................................................................................... 10
Added the SDA/SCL Connections Recommendations section ............................................................................................ 12
6 Device Comparison Table
Table 1. TA Device Comparison
TA
PACKAGED DEVICES
FEATURES
–40°C to +85°C
CDCL1810RGZT
48-pin VQFN (RGZ) Package, small tape and reel
–40°C to +85°C
CDCL1810RGZR
48-pin VQFN (RGZ) Package, tape and reel
Table 2. Device Feature Comparison
FEATURE
CDCL1810
CDCL1810A
Divider Synchronization after power up and after each programming
Yes
No
access. During Synchronization all outputs Yes No are disabled.
Output Group Phase Adjustment
Yes
No
Device Revision ID
b'011'
b'100'
1:10 Clock Fanout
Yes
Yes
Outputs grouped into two divider banks
Yes
Yes
Individual Output enabled/disable with I2C
Yes
Yes
Continuous and independent operation of outputs which are not
programmed, while configuring and programming No Yes other
No
Yes
outputs.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCL1810


同様の部品番号 - CDCL1810RGZTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCL1810RGZTG4 TI-CDCL1810RGZTG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

同様の説明 - CDCL1810RGZTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
[Old version datasheet]   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com