データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVP2108RGZR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCLVP2108RGZR
部品情報  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108RGZR データシート(HTML) 5 Page - Texas Instruments

  CDCLVP2108RGZR Datasheet HTML 1Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 2Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 3Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 4Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 5Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 6Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 7Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 8Page - Texas Instruments CDCLVP2108RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CDCLVP2108
www.ti.com
SCAS878C – MAY 2009 – REVISED JANUARY 2016
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
OUTP12,
40, 41
Output
Differential LVPECL output pair no. 12
OUTN12
OUTP13,
42, 43
Output
Differential LVPECL output pair no. 13
OUTN13
OUTP14,
44, 45
Output
Differential LVPECL output pair no. 14
OUTN14
OUTP15,
46, 47
Output
Differential LVPECL output pair no. 15
OUTN15
Bias voltage output for capacitive coupled input pair no. 0. Do not use VAC_REF at VCC < 3
VAC_REF0
8
Output
V. If used, TI recommends using a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
Bias voltage output for capacitive coupled input pair no. 1. Do not use VAC_REF at VCC < 3
VAC_REF1
5
Output
V. If used, TI recommends using a 0.1-
μF capacitor to GND on this pin. The output
current is limited to 2 mA.
6, 7, 13, 24, 37,
VCC
Power
2.5-V or 3.3-V supplies for the device
48
NC
2, 11
Do not connect
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCLVP2108


同様の部品番号 - CDCLVP2108RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

同様の説明 - CDCLVP2108RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com