データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM7005RGZRG4 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCM7005RGZRG4
部品情報  3.3-V High Performance Clock Synchronizer and Jitter Cleaner
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005RGZRG4 データシート(HTML) 7 Page - Texas Instruments

Back Button CDCM7005RGZRG4 Datasheet HTML 3Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 4Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 5Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 6Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 7Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 8Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 9Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 10Page - Texas Instruments CDCM7005RGZRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
CDCM7005
www.ti.com
SCAS793F – JUNE 2005 – REVISED JULY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC, AVCC, Supply voltage
(2)
–0.5
4.6
V
VCC_CP
VI
Input voltage (3)
–0.5
VCC + 0.5
V
VO
Output voltage (3)
–0.5
VCC + 0.5
V
Output current for LVPECL/LVCMOS outputs
IOUT
±50
mA
(0 < VO < VCC)
IIN
Input current (VI < 0, VI > VCC)
±20
mA
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages have to be supplied at the same time.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC, AVCC
3
3.3
3.6
Supply voltage
V
VCC_CP
2.3
VCC
VIL
Low-level input voltage LVCMOS, see (1)
0.3 VCC
V
VIH
High-level input voltage LVCMOS, see (1)
0.7 VCC
V
IOH
High-level output current LVCMOS (includes all status pins)
–8
mA
IOL
Low-level output current LVCMOS (includes all status pins)
8
mA
VI
Input voltage range LVCMOS
0
3.6
V
VINPP
Input amplitude LVPECL (VVCXO_IN – V VCXO_IN )
(2)
0.5
1.3
V
VIC
Common-mode input voltage LVPECL
1
VCC–0.3
V
TA
Operating free-air temperature
–40
85
°C
(1)
VIL and VIH are required to maintain ac specifications; the actual device function tolerates a smaller input level of 1V, if an ac-coupling to
VCC/2 is provided.
(2)
VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum VINPP
of 150 mV.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCM7005


同様の部品番号 - CDCM7005RGZRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005RGZRG4 TI-CDCM7005RGZRG4 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

同様の説明 - CDCM7005RGZRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com