データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM7005ZVA データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCM7005ZVA
部品情報  3.3-V High Performance Clock Synchronizer and Jitter Cleaner
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005ZVA データシート(HTML) 8 Page - Texas Instruments

Back Button CDCM7005ZVA Datasheet HTML 4Page - Texas Instruments CDCM7005ZVA Datasheet HTML 5Page - Texas Instruments CDCM7005ZVA Datasheet HTML 6Page - Texas Instruments CDCM7005ZVA Datasheet HTML 7Page - Texas Instruments CDCM7005ZVA Datasheet HTML 8Page - Texas Instruments CDCM7005ZVA Datasheet HTML 9Page - Texas Instruments CDCM7005ZVA Datasheet HTML 10Page - Texas Instruments CDCM7005ZVA Datasheet HTML 11Page - Texas Instruments CDCM7005ZVA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
CDCM7005
SCAS793F – JUNE 2005 – REVISED JULY 2015
www.ti.com
7.4 Thermal Information
CDCM7005
RGZ
ZVA
RGZ
ZVA
THERMAL METRIC(1)
AIRFLOW
AIRFLOW
UNIT
(VQFN)
(BGA)
(lfm)
(m/s)
48 PINS
64 PINS
0
0
29.9
53.9
150
1
24.7
49.8
RθJA
Junction-to-ambient thermal resistance
°C/W
250
2
23.2
48.5
500
21.5
RθJC(top)
Junction-to-case (top) thermal resistance
22.4
28.3
°C/W
RθJB
Junction-to-board thermal resistance
14.2
38.6
°C/W
0
0
0.2
0.7
150
1
0.2
0.7
ψJT
Junction-to-top characterization parameter
°C/W
250
2
0.2
0.8
500
0.3
ψJB
Junction-to-board characterization parameter
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL
fVCXO = 245.76 MHz,
fREF_IN = 30.72 MHz,
ICC_LVPECL
210
260
mA
PFD = 240 kHz, ICP = 2 mA, all outputs are LVPECL
and Div-by-8 (load, see Figure 13)
Supply current (ICC over frequency see
Figure 1 through Figure 4)
fVCXO = 245.76 MHz,
fREF_IN = 30.72 MHz,
ICC_LVCMOS
120
150
mA
PFD = 240 kHz, ICP = 2 mA, All outputs are
LVCMOS and Div-by-8 (load, 10 pF)
fIN = 0 MHz, VCC = 3.6 V, AVCC = 3.6 V,
ICCPD
Power-down current
VCC_CP = 3.6 V,
100
300
µA
VI = 0 V or VCC
VO = 0 V or VCC – 0.8 V
±40
µA
High-impedance state output current for Yx
IOZ
outputs
VO = 0 V or VCC
±100
µA
Voltage on I_REF_CP (external current path
VI_REF_CP
12 k
Ω to GND at pin D8 (BGA), pin 22 (QFN)
1.21
V
for accurate charge pump current)
VBB
Output reference voltage
VCC = 3 V – 3.6 V; IBB = –0.2 mA
VCC–1.3
V
CO
Output capacitance for Yx
VCC = 3.3 V, VO = 0 V or VCC
2
pF
Input capacitance at PRI_REF and
VI = 0 V or VCC, VI = 0 V or VCC
2.7
SEC_REF
CI
pF
Input capacitance at CTRL_LE,
VI = 0 V or VCC
2
CTRL_CLOCK, CTRL_DATA
LVCMOS
Output frequency, see (2), (3), Figure 6, and
fclk
Load = 5 pF to GND, 1 k
Ω to VCC, 1 kΩ to GND
250
MHz
Figure 7
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current for CTRL_LE,
II
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
CTRL_CLK, CTRL_DATA
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C.
(2)
fclk can be up to 400 MHz in the typical operating mode (25°C / 3.3-V VCC). The total power consumption limit of 700 mW for the BGA
package can be violated if several LVCMOS outputs switch at high frequency (see Figure 3 and Figure 4).
(3)
Operating the LVCMOS or LVPECL output above the maximum frequency will not cause a malfunction to the device, but the output
signal swing may no longer meet the output specification.
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: CDCM7005


同様の部品番号 - CDCM7005ZVA

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005ZVA TI-CDCM7005ZVA Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVA TI-CDCM7005ZVA Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAR TI-CDCM7005ZVAR Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAR TI-CDCM7005ZVAR Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005ZVAT TI-CDCM7005ZVAT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

同様の説明 - CDCM7005ZVA

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
[Old version datasheet]   CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com