データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCP1803RTHT データシート(PDF) 5 Page - Texas Instruments

部品番号 CDCP1803RTHT
部品情報  1:3 LVPECL CLOCK BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCP1803RTHT データシート(HTML) 5 Page - Texas Instruments

  CDCP1803RTHT Datasheet HTML 1Page - Texas Instruments CDCP1803RTHT Datasheet HTML 2Page - Texas Instruments CDCP1803RTHT Datasheet HTML 3Page - Texas Instruments CDCP1803RTHT Datasheet HTML 4Page - Texas Instruments CDCP1803RTHT Datasheet HTML 5Page - Texas Instruments CDCP1803RTHT Datasheet HTML 6Page - Texas Instruments CDCP1803RTHT Datasheet HTML 7Page - Texas Instruments CDCP1803RTHT Datasheet HTML 8Page - Texas Instruments CDCP1803RTHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CDCP1803
www.ti.com
SCAS727F – NOVEMBER 2003 – REVISED DECEMBER 2013
Table 1. Selection Mode Table
LVPECL(1)
MODE
EN
S2
S1
S0
Y0
Y1
Y2
0
0
x
x
x
Off (high-z)
1
1
0
0
0
÷ 1
÷ 1
÷ 1
2
1
0
0
VDD/2
÷ 1
Off (high-z)
Off (high-z)
3
1
0
0
1
÷ 1
÷ 1
Off (high-z)
4
1
0
VDD/2
0
÷ 1
÷ 2
Off (high-z)
5
1
0
VDD/2
VDD/2
÷ 1
÷ 4
Off (high-z)
6
1
0
VDD/2
1
÷ 1
÷ 8
Off (high-z)
7
1
0
1
0
÷ 1
Off (high-z)
÷ 1
8
1
0
1
1
÷ 1
÷ 2
÷ 1
9
1
VDD/2
0
0
÷ 1
÷ 4
÷ 1
10
1
VDD/2
0
VDD/2
÷ 1
÷ 8
÷ 1
11
1
VDD/2
0
1
÷ 1
Off (high-z)
÷ 2
12
1
VDD/2
VDD/2
0
÷ 1
÷ 1
÷ 2
13
1
VDD/2
VDD/2
VDD/2
÷ 1
÷ 2
÷ 2
14
1
VDD/2
VDD/2
1
÷ 1
÷ 4
÷ 2
15
1
VDD/2
1
0
÷ 1
÷ 8
÷ 2
16
1
VDD/2
1
VDD/2
÷ 1
Off (high-z)
÷ 4
17
1
VDD/2
1
1
÷ 1
÷ 1
÷ 4
18
1
1
0
0
÷ 1
÷ 2
÷ 4
19
1
1
0
VDD/2
÷ 1
÷ 4
÷ 4
20
1
1
0
1
÷ 1
÷ 8
÷ 4
21
1
1
VDD/2
0
÷ 1
Off (high-z)
÷ 8
22
1
1
VDD/2
VDD/2
÷ 1
÷ 1
÷ 8
23
1
1
VDD/2
1
÷ 1
÷ 2
÷ 8
24
1
1
1
0
÷ 1
÷ 4
÷ 8
25
1
1
1
VDD/2
÷ 1
÷ 8
÷ 8
26
1
1
1
1
÷ 1
Off (high-z)
÷ 16
27
VDD/2
0
0
0
÷ 1
÷ 1
÷ 16
28
VDD/2
0
0
VDD/2
÷ 1
÷ 2
÷ 16
29
VDD/2
0
0
1
÷ 1
÷ 4
÷ 16
30
VDD/2
0
VDD/2
0
÷ 1
÷ 8
÷ 16
Rsv
VDD/2
1
VDD/2
1
Reserved
Reserved
Reserved
Rsv
VDD/2
1
1
0
N/A
Low
Low
(1)
The LVPECL outputs are open-emitter stages. Thus, if the unused LVPECL outputs Y0, Y1, or Y2 are left unconnected, then the current
consumption is minimized and noise impact to remaining outputs is neglectable. Also, each output can be individually disabled by
connecting the corresponding VDD input to GND.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :CDCP1803


同様の部品番号 - CDCP1803RTHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803MRGETEP TI1-CDCP1803MRGETEP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results

同様の説明 - CDCP1803RTHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
   LVPECL Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504D2 PERICOM-PI6C4911504D2 Datasheet
1Mb / 14P
   LVPECL Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Silicon Laboratories
SI53321 SILABS-SI53321 Datasheet
1Mb / 28P
   1:10 LOW JITTER LVPECL CLOCK BUFFER
SI53322 SILABS-SI53322 Datasheet
1Mb / 22P
   1:2 LOW JITTER LVPECL CLOCK BUFFER
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
   1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Asahi Kasei Microsystem...
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com