データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61A2-125M00SIAT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61A2-125M00SIAT
部品情報  High-Performance Ultra-Low Jitter Oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61A2-125M00SIAT データシート(HTML) 4 Page - Texas Instruments

  LMK61A2-125M00SIAT Datasheet HTML 1Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 2Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 3Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 4Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 5Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 6Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 7Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 8Page - Texas Instruments LMK61A2-125M00SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient Temperature
-40
25
85
°C
TJ
Junction Temperature
125
°C
tRAMP
VDD Power-Up Ramp Time
0.1
100
ms
6.4 Thermal Information
LMK61XX (2) (3) (4)
QFM (SIA)
THERMAL METRIC(1)
UNIT
6 PINS
Airflow (LFM) 0
Airflow (LFM) 200
Airflow (LFM) 400
RθJA
Junction-to-ambient thermal resistance
55.2
46.4
43.7
RθJC(top) Junction-to-case (top) thermal resistance
34.6
n/a
n/a
RθJB
Junction-to-board thermal resistance
37.7
n/a
n/a
°C/W
ψJT
Junction-to-top characterization parameter
11.3
17.6
22.5
ψJB
Junction-to-board characterization parameter
37.7
41.5
40.1
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Connected to GND with 3 thermal vias (0.3-mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6.5 Electrical Characteristics - Power Supply
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device Current Consumption
LVPECL(2)
162
208
mA
LVDS
152
196
HCSL
155
196
IDD-PD
Device Current Consumption
OE = GND
136
when output is disabled
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
On-chip power dissipation should exclude 40 mW, dissipated in the 150 ohm termination resistors, from total power dissipation.
6.6 LVPECL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency(2)
10
1000
MHz
VOD
Output Voltage Swing
700
800
1200
mV
(VOH - VOL)
(2)
VOUT, DIFF, PP
Differential Output Peak-to-
2 x
V
Peak Swing
|VOD|
VOS
Output Common Mode
VDD –
V
Voltage
1.55
tR / tF
Output Rise/Fall Time (20% to
120
200
ps
80%)(3)
PN-Floor
Output Phase Noise Floor
156.25 MHz
-165
dBc/Hz
(fOFFSET > 10 MHz)
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(3)
Ensured by characterization.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-100M LMK61A2-
125M LMK61A2-156M LMK61A2-312M LMK61I2-100M


同様の部品番号 - LMK61A2-125M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61A2-125M00SIAT TI1-LMK61A2-125M00SIAT Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-125M00SIAT TI1-LMK61A2-125M00SIAT Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61A2-125M00SIAT TI1-LMK61A2-125M00SIAT Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61A2-125M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com