データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL23EP09ZI-1T データシート(PDF) 10 Page - Silicon Laboratories

部品番号 SL23EP09ZI-1T
部品情報  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP09ZI-1T データシート(HTML) 10 Page - Silicon Laboratories

Back Button SL23EP09ZI-1T Datasheet HTML 6Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 7Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 8Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 9Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 10Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 11Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 12Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 13Page - Silicon Laboratories SL23EP09ZI-1T Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rev 2.0, May 12, 2008
Page 10 of 14
SL23EP09
External Components & Design Considerations
Typical Application Schematic
SL23EP09
CL
CL
CL
0.1
μF
0.1
μF
CLKIN
CLKOUT
CLKA1
CLKB4
GND
GND
S1
S2
VDD
VDD
1
4
13
9
8
5
12
11
2
16
VDD
Comments and Recommendations
Decoupling Capacitor:
A decoupling capacitor of 0.1μF must be used between VDD and VSS pins. Place the capacitor on
the component side of the PCB as close to the VDD pin as possible. The PCB trace to the VDD pin and to the GND via
should be kept as short as possible. Do not use vias between the decoupling capacitor and the VDD pin.
Series Termination Resistor: A series termination resistor is recommended if the distance between the output clocks and
the load is over 1 ½ inch. The nominal impedance of the clock outputs is given on the page 4. Place the series termination
resistors as close to the clock outputs as possible.
Zero Delay and Skew Control: All outputs and CLKIN pins should be loaded with the same load to achieve “Zero Delay”
between the CLKIN and the outputs. The CLKOUT pin is connected to CLKIN internally on-chip for feedback to PLL, and
sees an additional 2 pF load with respect to Bank A and B clocks. For applications requiring zero input/output delay, the load
at the all output pins including the CLKOUT pin must be the same. If any delay adjustment is required, the capacitance at
the CLKOUT pin could be increased or decreased to increase or decrease the delay between Bank A and B clocks and
CLKIN.
For minimum pin-to-pin skew, the external load at all the Bank A and B clocks must be the same.


同様の部品番号 - SL23EP09ZI-1T

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL23EP09ZI-1T SPECTRALINEAR-SL23EP09ZI-1T Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

同様の説明 - SL23EP09ZI-1T

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com