データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5-500mA データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SS-5-500mA
部品情報  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5-500mA データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-5-500mA Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5-500mA Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5-500mA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0709
BU-SB07219
Page 2 of 3
Data Sheet 2621
Specifications
Voltage
Interrupting Rating
Catalog
Rating
(amps) @ Rated
Typical DC Cold
Typical
Typical Voltage
Agency Approvals
Number
(Vac)
Voltage (50Hz)**
Resistance (m
W)*** Melting I2t
Drop@1In (mV)‡
VDE
SEMKO cRUus
CQC EK-MARK
PSE
SS-5-400mA
250
35
330
1.67
147
X
X
X
X
SS-5-500mA
250
35
257.5
1.79
151.5
XXXXX
SS-5-630mA
250
35
140
1.51
100.5
XXXXX
SS-5-800mA
250
35
118
4.21
110.5
XXXXX
SS-5-1A
250
35
80.75
7.4
94.5
XXXXX
X
SS-5-1.25A
250
35
624
12.75
93.5
XXXXX
X
SS-5-1.6A
250
35
41
23
71.5
XXXXX
X
SS-5-2A
250
35
31.15
29.8
75
XXXXX
X
SS-5-2.5A
250
35
24.30
40.3
74.5
XXXXX
X
SS-5-3.15A
250
35
16.75
67
62.5
XXXXX
X
SS-5-4A
250
40
12.75
87
65.4
XXXXX
X
*SS-5-5A
250
50
7.35
120
43
XXXXX
X
*SS-5-6.3A
250
63
7.40
176
59
XXXXX
X
*Conducting path min. 0.2mm
2.
**Interrupting ratings: 400mA-3.15A were measured at 35A, 95%-100% of PF on AC; 4A, 5A & 6.3A measured at 10x Rated Current, 95%-100% of PF on AC.
***Typical cold resistance measured at <10% of rated current.
†I
2t value is measured at 10In DC.
‡ Typical voltage drop measured at 20°C ambient temperature at rated current.


同様の部品番号 - SS-5-500mA

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SS-5-500mA COOPER-SS-5-500mA Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5-500mA EATON-SS-5-500mA Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SS-5-500mA-AP EATON-SS-5-500mA-AP Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Cooper Bussmann, Inc.
SS-5-500MA-BK COOPER-SS-5-500MA-BK Datasheet
531Kb / 3P
   Subminiature Fuses SS-5 Series, Time-Delay
logo
Eaton All Rights Reserv...
SS-5-500mA-BK EATON-SS-5-500mA-BK Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
More results

同様の説明 - SS-5-500mA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com