データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5-500mA データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS-5-500mA
部品情報  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5-500mA データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-5-500mA Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5-500mA Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5-500mA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• Time-delay subminiature fuse with low breaking
capacity
• Plastic cap and base, flammability UL 94V0
• Lead wire with tin-plated copper, diameter 0.6mm
• Protects against harmful overcurrents in primary and
secondary applications
• Small rectangular-leaded design minmizes board
space and eliminates need for additional mounting
components (BK/PCS holder optional if field
replacement is desirable)
• Designed to IEC 60127-3 Sheet 4 (400mA - 4A) and
extension 5A, 6.3A
Agency Information
• cURus: File E19180, Guide JDYX2/JDYX8
• VDE: File 40015513
• SEMKO: File 807650, 808892
• CQC: File CQC08012025533
• PSE: File JET1641-31007-1001, JET1641-31007-1002
• EK-MARK: File SU05011-8001, SU05011-8002,
SU05011-8003
Specifications
• Solderability: EIA-186-9E Method 9
• High frequency vibration: MIL-STD-202F,
Method 201A
• Operating temperature: -40°C to +125°C
• Soldering heat resistance: 260°C, 10 sec. max
(IEC 60068-2-20)
Ordering
• Specify product and packaging code
(i.e., SS-5-1A-AP)
Dimensions - mm / [inches]
Subminiature Fuses
SS-5 Series, Time-Delay
o709 BU-SB07219
Page 1 of 3
Data Sheet 2621
Electrical Characteristics
Rated
1.5 xIn 2.1 xIn
2.75 xIn
4 xIn
10 xIn
Current
min
max
min
max
min
max
min
max
400mA-6.3A
1hr
2 min 400 mS10 Sec. 150 mS 3 Sec. 20 mS 150 mS
Pb
HALOGEN
HF
FREE
Packaging - mm / [inches]
AP
AP1
Mounting Socket (RoHS compliant)
• Available as option. Specify catalog number BK/PCS
(In bulk 100 per bag)
0.03"
(0.76mm)
0.12"
± 0.01"
(3.05mm
± 0.25mm)
0.29"
(7.37mm)
0.20"
(5.08mm)
0.30"
(7.62mm)
0.095"
(2.41mm)
Socket (PCS)


同様の部品番号 - SS-5-500mA

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SS-5-500mA COOPER-SS-5-500mA Datasheet
807Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Eaton All Rights Reserv...
SS-5-500mA EATON-SS-5-500mA Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
SS-5-500mA-AP EATON-SS-5-500mA-AP Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
logo
Cooper Bussmann, Inc.
SS-5-500MA-BK COOPER-SS-5-500MA-BK Datasheet
531Kb / 3P
   Subminiature Fuses SS-5 Series, Time-Delay
logo
Eaton All Rights Reserv...
SS-5-500mA-BK EATON-SS-5-500mA-BK Datasheet
801Kb / 7P
   250 V Subminiature, radial leaded, time-delay fuses
More results

同様の説明 - SS-5-500mA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com