データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5F-10A データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SS-5F-10A
部品情報  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5F-10A データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-5F-10A Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5F-10A Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5F-10A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0914 BU-SB07219
Page 2 of 3
Data Sheet 2622
Specifications
Voltage
Interrupting Rating
Catalog
Rating
(amps) @ Rated
Typical DC Cold
Typical
Typical Voltage
Agency Approvals
Number
(Vac)
Voltage (50Hz)**
Resistance (mW)***
Melting I2t
Drop@1In (mV)‡
cULus
PSE
SS-5F-800mA
250
50
225
1.2437
300
X
SS-5F-1A
250
50
165.5
2.2166
279
X
X
SS-5F-1.25A
250
50
116.5
3.8236
243.5
X
X
SS-5F-1.6A
250
50
76
6.4223
210
X
X
SS-5F-2A
250
50
55.5
9.3532
193.5
X
X
SS-5F-2.5A
250
50
46
14.0038
201
X
X
SS-5F-3.15A
250
50
31.5
22.5299
168
X
X
SS-5F-4A
250
50
22.25
33.6329
153.5
X
X
*SS-5F-5A
250
50
16
53.6831
154.125
X
X
*SS-5F-6.3A
125
50
14.5
74.2705
156.5
X
X
*SS-5F-7A
125
50
11.4
107.0518
133
X
X
*SS-5F-8A
125
50
9.9
107.05176
132.5
X
X
*SS-5F-10A
125
50
6.5
145.9163
108.5
X
X
*Conducting path min. 0.2mm
2.
**Interrupting ratings: 800mA to 10A were measured at 50A, 95%-100% of PF on AC.
***Typical cold resistance measured at <10% of rated current.
†I
2t value is measured at 10In DC.
‡ Typical voltage drop was measured at 20°C ambient temperature at rated current.


同様の部品番号 - SS-5F-10A

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SS-5F-10A COOPER-SS-5F-10A Datasheet
2Mb / 3P
   Subminiature Fuses
logo
Eaton All Rights Reserv...
SS-5F-10A EATON-SS-5F-10A Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-10A-AP EATON-SS-5F-10A-AP Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-10A-BK EATON-SS-5F-10A-BK Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
SS-5F-10A-BK2 EATON-SS-5F-10A-BK2 Datasheet
830Kb / 5P
   250 V Fast-acting subminiature fuse
More results

同様の説明 - SS-5F-10A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com