データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4706-D50 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI4706-D50
部品情報  HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4706-D50 データシート(HTML) 1 Page - Silicon Laboratories

  SI4706-D50 Datasheet HTML 1Page - Silicon Laboratories SI4706-D50 Datasheet HTML 2Page - Silicon Laboratories SI4706-D50 Datasheet HTML 3Page - Silicon Laboratories SI4706-D50 Datasheet HTML 4Page - Silicon Laboratories SI4706-D50 Datasheet HTML 5Page - Silicon Laboratories SI4706-D50 Datasheet HTML 6Page - Silicon Laboratories SI4706-D50 Datasheet HTML 7Page - Silicon Laboratories SI4706-D50 Datasheet HTML 8Page - Silicon Laboratories SI4706-D50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev. 1.0 7/10
Copyright © 2010 by Silicon Laboratories
Si4706-D50
Si4706-D50
H IGH-P ERFORMANCE FM AND RDS/RBDS R ECEIVER
Features
Applications
Description
The Si4706-D50 FM/RDS/RDBS receiver provides the highest performance and
lowest power consumption available for portable devices today. The 100% CMOS
IC integrates the complete FM and data receiver function from antenna to analog
or digital audio and data out in a single 3 x 3 mm 20-pin QFN.
Functional Block Diagram
Worldwide FM band support
(76–108 MHz)
Advanced patented RDS/RBDS
decoding engine
Lowest power consumption
Outstanding RDS sensitivity,
synchronization, and reliability
Received signal quality indicators
On-chip tuned resonance for
embedded antenna support
Multipath detection and mitigation
FM Hi-cut control
Advanced FM stereo-mono blend
Automatic gain control (AGC)
Integrated FM LNA
Image-rejection mixer
Frequency synthesizer with
integrated VCO
Low-IF direct conversion with no
external ceramic filters
2.7 to 5.5 V supply voltage
Dual 1.8 and 2.7 V power supplies
Stereo audio out
I2S Digital audio out
20-pin 3 x 3 mm QFN package

Pb-free/RoHS compliant
Cellular handsets
Portable media devices
Dedicated data receiver
Personal navigation devices (PND)
GPS-enabled handsets and portable
devices
ADC
ADC
Si4706
DSP
DAC
DAC
ROUT
LOUT
AFC
GPO
PGA
RCLK
REG
VA
2.7–5.5 V
XTAL
OSC
32.768 kHz
0/90
DOUT
DCLK
DFS
CONTROL
INTERFACE
RSSI
RDS
RFGND
LNA
FMI
AGC
Half-wavelength
antenna
LPI
Embedded
antenna
(TYP)
This product, its features, and/or its
architecture is covered by one or
more of the following patents, as well
as
other
patents,
pending
and
issued, both foreign and domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940; 7,339,503; 7,339,504.
Ordering Information:
See page 29.
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
LPI
VA
FMI
RFGND
Si4706-GM
(Top View)


同様の部品番号 - SI4706-D50

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-D50-GM SKYWORKS-SI4706-D50-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
More results

同様の説明 - SI4706-D50

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4706 SILABS-SI4706 Datasheet
1Mb / 3P
   High-Performance FM RDS/RBDS Data Receiver
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
   High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
logo
List of Unclassifed Man...
SI4706 ETC2-SI4706 Datasheet
817Kb / 15P
   Introducing High-Performance FM RDS Data Receiver ICs
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com