データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4721-B20 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI4721-B20
部品情報  BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721-B20 データシート(HTML) 5 Page - Silicon Laboratories

  SI4721-B20 Datasheet HTML 1Page - Silicon Laboratories SI4721-B20 Datasheet HTML 2Page - Silicon Laboratories SI4721-B20 Datasheet HTML 3Page - Silicon Laboratories SI4721-B20 Datasheet HTML 4Page - Silicon Laboratories SI4721-B20 Datasheet HTML 5Page - Silicon Laboratories SI4721-B20 Datasheet HTML 6Page - Silicon Laboratories SI4721-B20 Datasheet HTML 7Page - Silicon Laboratories SI4721-B20 Datasheet HTML 8Page - Silicon Laboratories SI4721-B20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Si4720/21-B20
Rev. 1.0
5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Power Supply Power-Up Rise Time
VDDRISE
10
µs
Interface Power Supply Power-Up Rise Time
VIORISE
10
µs
Ambient Temperature
TA
–20
25
85
C
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at VDD = 3.3 V and 25
C unless otherwise stated. Parameters are tested in production unless
otherwise stated.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 5.8
V
Interface Supply Voltage
VIO
–0.5 to 3.9
V
Input Current3
IIN
10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
C
Storage Temperature
TSTG
–55 to 150
C
RF Input Level4
0.4
VPK
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond recommended
operating conditions for extended periods may affect device reliability.
2. The Si4720/21 devices are high-performance RF integrated circuits with certain pins having an ESD rating of < 2 kV
HBM. Handling and assembly of these devices should only be done at ESD-protected workstations.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, GPO1, GPO2/INT, and GPO3.
4. At RF input pin FMI.


同様の部品番号 - SI4721-B20

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI4721-B20 SKYWORKS-SI4721-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
Si4721-B20-GM SILABS-Si4721-B20-GM Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4721-B20-GM SKYWORKS-SI4721-B20-GM Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
More results

同様の説明 - SI4721-B20

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
   Broadcast FM Radio Transceiver for Portable Applications
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4702 SILABS-SI4702 Datasheet
184Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com