データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4736-B20 データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI4736-B20
部品情報  BROADCAST WEATHER BAND RADIO RECEIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4736-B20 データシート(HTML) 1 Page - Silicon Laboratories

  SI4736-B20 Datasheet HTML 1Page - Silicon Laboratories SI4736-B20 Datasheet HTML 2Page - Silicon Laboratories SI4736-B20 Datasheet HTML 3Page - Silicon Laboratories SI4736-B20 Datasheet HTML 4Page - Silicon Laboratories SI4736-B20 Datasheet HTML 5Page - Silicon Laboratories SI4736-B20 Datasheet HTML 6Page - Silicon Laboratories SI4736-B20 Datasheet HTML 7Page - Silicon Laboratories SI4736-B20 Datasheet HTML 8Page - Silicon Laboratories SI4736-B20 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev. 1.0 4/08
Copyright © 2008 by Silicon Laboratories
Si4736/37/38/39-B20
Si4736/37/38/39-B20
B ROADCAST WEATHER BAND R ADIO R ECEIVER
Features
Applications
Description
The Si4736/37/38/39 is the first digital CMOS AM/FM/WB radio receiver IC that
integrates the complete tuner function from antenna input to audio output.
Functional Block Diagram
NOAA weather band support (162.4–
162.55 MHz)
Worldwide FM band support
(76–108 MHz)
Worldwide AM band support
(520–1710 kHz) (Si4736/37 only)
1050 Hz alert tone detection
Excellent real-world performance
Freq synthesizer with integrated VCO
Advanced AM/FM seek tuning
Automatic frequency control (AFC)
Automatic gain control (AGC)
Integrated LDO regulator
Digital FM stereo decoder
Adaptive noise suppression
AM/FM/WB digital tuning
No manual alignment necessary
Programmable reference clock
Volume control
Programmable soft mute control
Programmable de-emphasis
RDS/RBDS processor (Si4737/39
only)
Optional digital audio output (Si47/39
only)
Optional digital audio output
(Si4737/39 only)
2-wire and 3-wire control interface
2.7 to 5.5 V supply voltage
Firmware upgradeable
3 x 3 x 0.55 mm 20-pin QFN package
Pb-free/RoHS compliant
Emergency radios
Table and portable radios
Stereos
Mini/micro systems
Portable media players
Boom boxes
Cellular handsets
Modules
Clock radios
Mini HiFi
ADC
ADC
Si473x
DSP
DAC
DAC
FMI
FM/
WB
ANT
VIO
1.5–3.6 V
CONTROL
INTERFACE
ROUT
LOUT
LDO
VDD
GND
2.7– 5.5 V
RDS
(Si4737/
39)
AM
ANT
RFGND
AMI
LNA
LNA
LOW-IF
DIGITAL
AUDIO
(Si4737/
39)
DOUT
DFS
GPO/DCLK
AGC
AGC
AFC
Patents pending
Notes:
1.
To ensure proper operation and
receiver performance, follow the
guidelines in “AN383: Universal
Antenna Selection and Layout
Guidelines.” Silicon Laboratories will
evaluate schematics and layouts for
qualified customers.
2.
Place Si4736/37/38/39 as close as
possible to antenna jack and keep
the FMI and AMI traces as short as
possible.
Ordering Information:
See page 30.
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
AMI
VDD
FMI
RFGND
Si4736/37/38/39-GM
(Top View)


同様の部品番号 - SI4736-B20

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
Si4736-C40-GM SILABS-Si4736-C40-GM Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
Si4736-C40-GU SILABS-Si4736-C40-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results

同様の説明 - SI4736-B20

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4739-B20-GMR SILABS-SI4739-B20-GMR Datasheet
194Kb / 24P
   BROADCAST MULTI-BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com