データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4820-DEMO データシート(PDF) 1 Page - Silicon Laboratories

部品番号 SI4820-DEMO
部品情報  Si4820/24 DEMO BOARD USER?셎 GUIDE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4820-DEMO データシート(HTML) 1 Page - Silicon Laboratories

  SI4820-DEMO Datasheet HTML 1Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 2Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4820-DEMO Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 0.1 10/11
Copyright © 2016 by Silicon Laboratories
Si4820/24-DEMO
Si4820/24-DEMO
Si4820/24 D EMO B OARD U SER S G UIDE
1.
Features
ATAD (analog tune and analog display) AM/FM/SW radio
Worldwide FM band support from 64–109 MHz with 5 sub-bands:

FM1 87–108 MHz (Demo Board Default)

FM2 86.5–109 MHz

FM3 87.3–108.25 MHz

FM4 76–90 MHz

FM5 64–87 MHz (Demo Board Default)
Worldwide AM band support from 504–1750 kHz with 5 sub-bands

AM1 520–1710 kHz (Demo Board Default)

AM2 522–1620 kHz (Demo Board Default)

AM3 504–1665 kHz

AM4 520–1730 kHz

AM5 510–1750 kHz
Worldwide SW band support from 5.6–22 MHz with 16 sub-bands:

SW1 5.6–6.4 MHz (DEMO Board Default, for Si4824 only)

SW2 5.95–6.2 MHz

SW3 6.8–7.6 MHz (DEMO Board Default, for Si4824 only)

SW4 7.1–7.6 MHz

SW5 9.2–10 MHz (DEMO Board Default, for Si4824 only)

SW6 9.2–9.9 MHz

SW7 11.45–12.25 MHz(DEMO Board Default, for Si4824 only)

SW8 11.6–12.2 MHz

SW9 13.4–14.2 MHz (DEMO Board Default, for Si4824 only)

SW10 13.57–13.87 MHz

SW11 15–15.9 MHz (DEMO Board Default, for Si4824 only)

SW12 15.1–15.8 MHz

SW13 17.1–18 MHz (DEMO Board Default, for Si4824 only)

SW14 17.48–17.9 MHz

SW15 21.2–22 MHz (DEMO Board Default, for Si4824 only)

SW16 21.45–21.85 MHz
Twelve positions band switch for selecting different band according to the target market.
Two AAA battery operations with working voltage down to 2.0 V
Economical potentiometer for frequency tuning replaces more expensive variable capacitor (PVC).
Potentiometer and/or push button volume control
FM 50 µs or 75 µs (default) de-emphasis
2. Overview
This manual describes the operation of the Silicon Labs Si4820/24-DEMO board Rev1.0, Sep 02, 2011. The
Silicon Laboratories Si4820/24-DEMO board is designed with the 24-pin SSOP packaged Si4820/24 chip, the
revolutionary single chip AM/FM/SW receiver that integrates everything from antenna input to audio output and
allows use of common and economical potentiometers to do the frequency tuning. It provides a complete portable
analog tune analog display AM/FM/SW radio design. The Si4820/24-DEMO is designed with 1-layer PCB, allowing
the lowest cost without sacrificing the RF performance. The demo board works with two AAA batteries and working
voltage down to 2.0 V.


同様の部品番号 - SI4820-DEMO

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4820-A10-CU SKYWORKS-SI4820-A10-CU Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
More results

同様の説明 - SI4820-DEMO

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
International Rectifier
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
logo
Freescale Semiconductor...
MC56F8006DEMO FREESCALE-MC56F8006DEMO Datasheet
3Mb / 13P
   Demo board user?셲 guide
logo
Silicon Laboratories
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
PICDEMPIC18 MICROCHIP-PICDEMPIC18 Datasheet
1Mb / 38P
   PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
2008
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com