データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4840-A10 データシート(PDF) 4 Page - Silicon Laboratories

部品番号 SI4840-A10
部品情報  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4840-A10 データシート(HTML) 4 Page - Silicon Laboratories

  SI4840-A10 Datasheet HTML 1Page - Silicon Laboratories SI4840-A10 Datasheet HTML 2Page - Silicon Laboratories SI4840-A10 Datasheet HTML 3Page - Silicon Laboratories SI4840-A10 Datasheet HTML 4Page - Silicon Laboratories SI4840-A10 Datasheet HTML 5Page - Silicon Laboratories SI4840-A10 Datasheet HTML 6Page - Silicon Laboratories SI4840-A10 Datasheet HTML 7Page - Silicon Laboratories SI4840-A10 Datasheet HTML 8Page - Silicon Laboratories SI4840-A10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Si4840/44-A10
4
Rev.1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions1,2
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage3
VDD
2—
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Notes:
1.
Typical values in the data sheet apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
All minimum and maximum specifications in the data sheet apply across the recommended operating conditions for
minimum VDD =2.7 V.
3.
Operation at minimum VDD is guaranteed by characterization when VDD voltage is ramped down to 2.0 V. Part
initialization may become unresponsive below 2.3 V.
Table 2. DC Characteristics
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
Supply Current1
IFM
—21.0—
mA
Supply Current2
IFM
Low SNR level
21.5
mA
AM/SW Mode
Supply Current1
IAM
—17.0—
mA
Supplies and Interface
VDD Powerdown
Current
IDDPD
—10—
µA
Notes:
1.
Specifications are guaranteed by characterization.
2.
LNA is automatically switched to higher current mode for optimum sensitivity in weak signal conditions.


同様の部品番号 - SI4840-A10

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
SI4840-A10-GU SKYWORKS-SI4840-A10-GU Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

同様の説明 - SI4840-A10

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com